Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4370 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4370
Description  L99ASC03 PMBLDC sensorless 3-phase motor driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4370 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4370 Datasheet HTML 1Page - STMicroelectronics AN4370 Datasheet HTML 2Page - STMicroelectronics AN4370 Datasheet HTML 3Page - STMicroelectronics AN4370 Datasheet HTML 4Page - STMicroelectronics AN4370 Datasheet HTML 5Page - STMicroelectronics AN4370 Datasheet HTML 6Page - STMicroelectronics AN4370 Datasheet HTML 7Page - STMicroelectronics AN4370 Datasheet HTML 8Page - STMicroelectronics AN4370 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
List of figures
AN4370
4/23
DocID025336 Rev 1
List of figures
Figure 1.
BEMFIP block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
BEMF detection stepping of BEMFCNT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
Ringing noise . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
BEMFCNT update event. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
SPI command frame structure (SDI). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 6.
PRE-DRIVE tests functional block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 7.
PRE-DRIVE test example: Phase 1 disconnected . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 8.
PRE-DRIVE test example: Phase 1 connected . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 9.
Difference between charge pump output voltage and input supply voltage vs. input supply
voltage VVS as a function of charge pump load (CCP1 =CCP2 = 220 nF, CTANK = 1 µF) . . 16
Figure 10.
Supply current at VS pin vs. input supply voltage VVS as a function of charge pump load
(CCP1 =CCP2 =220 nF, CTANK = 1 µF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 11.
Reverse battery current flow through the device . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com