Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4370 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4370
Description  L99ASC03 PMBLDC sensorless 3-phase motor driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4370 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4370 Datasheet HTML 5Page - STMicroelectronics AN4370 Datasheet HTML 6Page - STMicroelectronics AN4370 Datasheet HTML 7Page - STMicroelectronics AN4370 Datasheet HTML 8Page - STMicroelectronics AN4370 Datasheet HTML 9Page - STMicroelectronics AN4370 Datasheet HTML 10Page - STMicroelectronics AN4370 Datasheet HTML 11Page - STMicroelectronics AN4370 Datasheet HTML 12Page - STMicroelectronics AN4370 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
DocID025336 Rev 1
9/23
AN4370
Flashing an external microcontroller
22
2
Flashing an external microcontroller
The watchdog inside the L99ASC03 acts on both the NRES pin and the VDD pin.
In case these pins are connected to an external microcontroller, then either the watchdog
has to be disabled or the connections have to be removed before flashing the
microcontroller.
To flash the microcontroller, one of the following techniques could be chosen:
1.
Put the L99ASC03 in VDD Standby Mode with ICMP = 1 and then download the
microcontroller firmware. Care must be taken in order not to wake up the device from
VDD Standby Mode (via SPI frame or INH high).
Since the watchdog is disabled in VDD Standby Mode when ICMP = 1, the device will
not act on the NRES pin and on the VDD pin while the firmware code is downloaded
into the microcontroller.
2.
Put the L99ASC03 in Flash Mode and then download the firmware.
Regardless of its operating mode, the device can be put in Flash Mode by applying a
voltage greater than VBC,rising (see L99ASC03 datasheet) at the BC pin.
We recommended connecting the BC input pin to GND if not used or to a
microcontroller GPIO if used, to update the BEMFCNT in block commutation mode.
3.
Remove the NRES connection between the microcontroller and the device, power the
microcontroller through an external 5V source and then download the firmware.
During the download process the device will most likely enter in VBAT STDBY mode
due to missing WDG trigger, hence the device will have to be woken up from VBAT
STDY mode after the programming phase. Once programmed, the NRES and VDD
connections will have to be restored and the system rebooted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com