Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4370 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4370
Description  L99ASC03 PMBLDC sensorless 3-phase motor driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4370 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4370 Datasheet HTML 1Page - STMicroelectronics AN4370 Datasheet HTML 2Page - STMicroelectronics AN4370 Datasheet HTML 3Page - STMicroelectronics AN4370 Datasheet HTML 4Page - STMicroelectronics AN4370 Datasheet HTML 5Page - STMicroelectronics AN4370 Datasheet HTML 6Page - STMicroelectronics AN4370 Datasheet HTML 7Page - STMicroelectronics AN4370 Datasheet HTML 8Page - STMicroelectronics AN4370 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DocID025336 Rev 1
5/23
AN4370
BEMF Zero crossing detection internal peripheral
22
1
BEMF Zero crossing detection internal peripheral
Designed to achieve the six step driving mode, the BEMFIP is based on a 6 step counter
(BEMFCNT bits) which selects, according to Figure 2, the floating phase sent to the input of
three comparators in order to detect its BEMF Z crossing event. Of course we will select just
one of the 3 comparator outputs through the BEMFMOD bit and sample it. The PWM
sampling signal will be the one of the input channel (either ILx or IHx) chosen by the
combinations of the following bits: BEMFCNT, BEMFSW, BEMFMOD & BEMFPOL (the
sampling signal could be the driving PMW at the HSides, or the driving PWM at the LSides,
or the active freewheeling PWM at the LSides, or the active freewheeling PWM at the
HSides), whereas the PMW sampling edge will depend upon the combinations of the
BEMFMOD & BEMFPOL bits. Even though everything seems a bit tricky, almost everything
is done automatically by the BEMF IP state machine itself.
Figure 1. BEMFIP block diagram
For instance, according to Figure 2, for BEMCNT = 1 the floating phase sent to the
comparators will always be phase #3, namely the motor terminal connected to SH3 pin, and
the PWM sampling signal will be either IH1 or IL1. With the PWM on the HS MOSFETs
(BEMFSW = 0) and BEMFMOD = 1, selecting the BUS/2 comparator output, the PMW input
signal used to sample the output of the BUS/2 comparator will be IH1, whereas with the
PWM on the LS MOSFETs (BEMFSW = 1) and BEMFMOD = 1, the PMW input signal used
to sample the output of the BUS/2 comparator (BEMFMOD = 1) will be, this time, IL1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com