Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0284 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0284
Description  Getting started with the STUSB03E
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0284 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0284 Datasheet HTML 3Page - STMicroelectronics UM0284 Datasheet HTML 4Page - STMicroelectronics UM0284 Datasheet HTML 5Page - STMicroelectronics UM0284 Datasheet HTML 6Page - STMicroelectronics UM0284 Datasheet HTML 7Page - STMicroelectronics UM0284 Datasheet HTML 8Page - STMicroelectronics UM0284 Datasheet HTML 9Page - STMicroelectronics UM0284 Datasheet HTML 10Page - STMicroelectronics UM0284 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
UM0284
STUSB03E demonstration board bill of materials
Doc ID 12664 Rev 2
9/11
Appendix C
STUSB03E demonstration board bill of
materials
Table 6.
Bill of materials
Reference
Part type
Quantity
Footprint
U1
STUSB03E
1
QFN16(3x3)
C1
4,7 µF
1
1210
C2
1 μF
11210
R1, R2
20
Ω ±1%
23518
R3, R4
1,5 k
Ω ±1%
23518
R7
560
Ω
13518
R8
120
Ω
13518
J1, J2
Jumper
2
Through hole, pitch 2.54 mm
J3-J8
Jumper
6
Through hole, pitch 2.54 mm
J9
0
Ω bridge
1
0603
P1-P2
Header 1
2
Through hole, pitch 2.54 mm
D1
KP-2012SRC-PRV
1
0805
Q1
2STR1230
1
SOT-23
CN1
Header 4
1
Through hole, pitch 2.54 mm
CN2
Header 5x2
1
Through hole, pitch 2.54 mm
CN3
MINI-B USB receptacle
1
USB mini-B, SMT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com