Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0284 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0284
Description  Getting started with the STUSB03E
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0284 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0284 Datasheet HTML 1Page - STMicroelectronics UM0284 Datasheet HTML 2Page - STMicroelectronics UM0284 Datasheet HTML 3Page - STMicroelectronics UM0284 Datasheet HTML 4Page - STMicroelectronics UM0284 Datasheet HTML 5Page - STMicroelectronics UM0284 Datasheet HTML 6Page - STMicroelectronics UM0284 Datasheet HTML 7Page - STMicroelectronics UM0284 Datasheet HTML 8Page - STMicroelectronics UM0284 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
UM0284
Hardware description
Doc ID 12664 Rev 2
5/11
1.4
Test points
Table 3.
CN1 pin assignments
Pin number
Description
1
VBUS – connect a 5 V supply voltage when powering VBUS pin from CN1
2
VIF – Interface supply voltage (1.6 V to 3.6 V)
3
Ground
4
Table 4.
CN2 pin assignments
Pin number
Description
Pin number
Description
1VBUSDET
6VM
2
SPD
7
RCV
3GND
8
CON
4VP9
OE#
5GND
10
SUS
Table 5.
Test points
Test point
number
Description
1
D+ data line
2
D- data line
3
VM signal
4
VP signal
5
RCV signal
6VBUSDET signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com