Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0284 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM0284
Description  Getting started with the STUSB03E
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0284 Datasheet(HTML) 4 Page - STMicroelectronics

  UM0284 Datasheet HTML 1Page - STMicroelectronics UM0284 Datasheet HTML 2Page - STMicroelectronics UM0284 Datasheet HTML 3Page - STMicroelectronics UM0284 Datasheet HTML 4Page - STMicroelectronics UM0284 Datasheet HTML 5Page - STMicroelectronics UM0284 Datasheet HTML 6Page - STMicroelectronics UM0284 Datasheet HTML 7Page - STMicroelectronics UM0284 Datasheet HTML 8Page - STMicroelectronics UM0284 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Hardware description
UM0284
4/11
Doc ID 12664 Rev 2
1.2
Jumper assignments
Table 1 describes the jumper assignments of the demonstration board.
1.3
Connector assignments
Table 1.
Demonstration board jumper assignments
Jumper
Related
pin(s)
Description
J1
D+
Connected: connects a 1.5 k
Ω pull-up resistor to the D+ data line. Must be
connected in full-speed mode when RSEL = 0
Leave open when in low-speed mode.
J2
D-
Connected: connects a 1.5 k
Ω pull-up resistor to the D- data line. Must be
connected in low-speed mode.
Leave open when in full-speed mode.
J3
VBUS
1-2 connected: selects CN1 connector as 5 V VBUS voltage source.
2-3 connected: 5 V VBUS voltage is supplied by CN3 USB connector
J4
SPD
1-2 connected: STUSB03E transceiver in low-speed mode(1)
2-3 connected: STUSB03E transceiver in full-speed mode
1.
Leave this jumper open when controlling this function using an external USB controller connected to CN2.
J5
CON,
RSEL,
SPD, VPU
1-2 connected: VPU pin in high impedance; data line pull-up resistor
disconnected(1)
2-3 connected: VPU pin outputs 3.3 V ±10% (data line pull-up resistor
connected to internal LDO regulator output) when SPD = 1 and RSEL = 0 or
when SPD = 0
J6
SUS
1-2 connected: STUSB03E transceiver active(1)
2-3 connected: STUSB03E transceiver in suspend mode
J7
RSEL
1-2 connected: internal FS pull-up resistor disabled
2-3 connected: internal FS pull-up resistor enabled
J8
OE#
1-2 connected: STUSB03E transceiver in transmit mode(1)
2-3 connected: STUSB03E transceiver in receive mode
J9
VBUSDET
Connected: enables the VBUS voltage detection LED. LED switches ON
when voltage greater than the VBUSDET threshold is detected.
Table 2.
Demonstration board connectors
Connector
Descriptions
CN1
Power supply: VBUS, VIF and GND. Refer toTable 3 for pin assignments.
CN2
Header connector for USB controller connection. Refer to Table 4 for USB
controller connections.
CN3
USB mini-B connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com