Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0284 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM0284
Description  Getting started with the STUSB03E
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0284 Datasheet(HTML) 3 Page - STMicroelectronics

  UM0284 Datasheet HTML 1Page - STMicroelectronics UM0284 Datasheet HTML 2Page - STMicroelectronics UM0284 Datasheet HTML 3Page - STMicroelectronics UM0284 Datasheet HTML 4Page - STMicroelectronics UM0284 Datasheet HTML 5Page - STMicroelectronics UM0284 Datasheet HTML 6Page - STMicroelectronics UM0284 Datasheet HTML 7Page - STMicroelectronics UM0284 Datasheet HTML 8Page - STMicroelectronics UM0284 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
UM0284
Hardware description
Doc ID 12664 Rev 2
3/11
1
Hardware description
The demonstration board contains the STUSB03E USB low/full speed transceiver, one
power supply connector, one mini-B USB connector, a connector for interfacing with the
controller and all required discrete components (pull-up resistors, serial resistors and power
supply capacitors). The device can also be configured using a set of jumpers and the main
signals can be accessed through test points (see Section 1.4).
Figure 2.
STUSB03E demonstration board block diagram
The 'USB controller header connector' makes it possible to connect a USB controller or any
digital control system. For more information concerning the connection of the USB
controller, refer to Table 4: CN2 pin assignments.
The jumpers also enable testing and measurement of the STUSB03E without a USB
controller.
1.1
Power requirements
The following supply voltages for the STUSB03E USB FS transceiver are recommended:
●
VIF = 1.6 - 3.6 (typical VIF value is 1.8 V)
●
VBUS = 4.0 - 5.5 V (typical VBUS value is 5 V).
The demonstration board is designed for the same voltage ranges. The board does not
contain a voltage regulator.
Jumper J3 is used to choose whether to supply the VBUS pin from the USB connector or
from CN1.
When the VBUS voltage is above VBUSDET threshold, LED D1 switches ON. Connect jumper
J9 to enable this function.
STUSB03E
USB FS
Transceiver
Power pins (VBUS, VIF)
USB
Controller
Header
Connector
Mini-B
connector
Jumpers
SPD, CON, SUS,
OE#, VBUS, RSEL
RPULL-UP
VBUS, DP, DM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com