Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0289 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0289
Description  This user manual describes the features of the eMotion Kit
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0289 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0289 Datasheet HTML 3Page - STMicroelectronics UM0289 Datasheet HTML 4Page - STMicroelectronics UM0289 Datasheet HTML 5Page - STMicroelectronics UM0289 Datasheet HTML 6Page - STMicroelectronics UM0289 Datasheet HTML 7Page - STMicroelectronics UM0289 Datasheet HTML 8Page - STMicroelectronics UM0289 Datasheet HTML 9Page - STMicroelectronics UM0289 Datasheet HTML 10Page - STMicroelectronics UM0289 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
UM0289
Hardware
7/29
Table 1.
PractiSPIN connectors description
2.2
PowerSPIN boards
eMotion kit can manage up to three boards based on monolithic driver of L62xx family. This
first release of system works with DC and BLDC drivers so with boards L6205 and L6235
but also with similar boards for the same motors.
2.2.1
L6205 Eval board (DC Motor)
(refer to application note AN1762 and the L620x datasheet for more details)
PIN No.
PractiSPIN 1
PractiSPIN 2
PractiSPIN 3
Functionality
1
5V via Jumper
J207 (VCC
PRACTI 1)
5V via Jumper
J208 (VCC
PRACTI 2)
5V via Jumper
J209 (VCC
PRACTI 3)
-
2
P2_10
P2_11
P2_12
Interrupt
3
P5_5
P5_6
P5_7
ADC
4
P0L.0
P0L.1
P0L.2
GPIO
5, 6
NC
NC
NC
-
7
P1L.0
P1L.1
P1L.2
ADC
8
P0L.3
P0L.4
P0L.5
GPIO
9
NC
NC
NC
-
10
P0L.6
P0L.7
P6.3
GPIO
11, 13
NC
NC
NC
-
14
P6.0
P6.1
P6.2
GPIO
15, 16, 17, 18, 19
NC
NC
NC
-
20
P2.0
P2.1
P2.2
GPIO / Capcom
21
NC
NC
NC
-
22
P8.0
P8.1
P8.2
PWM / GPIO
23
GND
GND
GND
-
24, 25
NC
NC
NC
-
26
P7.4
P7.5
P7.6
GPIO / Capcom
27
NC
NC
NC
-
28
P7.0
P7.1
P7.2
PWM / GPIO
29, 30
NC
NC
NC
-
31
P2.13
P2.14
P2.15
GPIO / Capcom
32
P2.3
P2.4
P2.5
GPIO / Capcom
33
P1H.4
P1H.5
P1H.6
GPIO / Capcom
34
NC
NC
NC
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com