Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0289 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM0289
Description  This user manual describes the features of the eMotion Kit
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0289 Datasheet(HTML) 3 Page - STMicroelectronics

  UM0289 Datasheet HTML 1Page - STMicroelectronics UM0289 Datasheet HTML 2Page - STMicroelectronics UM0289 Datasheet HTML 3Page - STMicroelectronics UM0289 Datasheet HTML 4Page - STMicroelectronics UM0289 Datasheet HTML 5Page - STMicroelectronics UM0289 Datasheet HTML 6Page - STMicroelectronics UM0289 Datasheet HTML 7Page - STMicroelectronics UM0289 Datasheet HTML 8Page - STMicroelectronics UM0289 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
UM0289
Overview
3/29
1
Overview
1.1
Getting started
eMotion is a motion control kit able to manage up to 3 motors (DC or BLDC) simultaneously,
it can be used as starting point for the evaluation of control algorithms, motors and drivers.
The complete kit is composed of:
●
Windows GUI (XP-compatible): a Multi-Windows software for managing, through a
serial connection, the control of up three motors.
●
MDK-ST10 board: control board based on microcontroller ST10F276 and three
connectors compatible with a powerSPIN board (eval 62xx)
●
Interface board: a board with two shielded connectors, to be stacked into the sockets of
MDK-ST10 to allow motor feedback of encoder signals.
●
powerSPIN boards: the eMotion kit can manage up to three motor driver boards based
on L6205 (DMOS dual full bridge motor driver) and L6235 (DMOS fully integrated
three-phase motor driver) chips, for DC and BLDC motors respectively.
●
Firmware for open/closed loop operation: a complete source library is developed to
manage the control of DC and BLDC motors in open loop mode (PWM and driver
settings) and closed loop mode (speed regulation with encoder feedback) using 62xx
eval boards.
●
Protocol communication: a complete frame-based protocol is developed to allow the
exchange of data with GUI via standard RS232 channel.
Figure 2.
eMotion kit block diagram
It is possible via the GUI to interact with the ST10F276 control board (MDK-ST10) and
generate open loop signals for up three DC or BLDC motors. The PWM frequency (17-30
kHz) and duty cycle (0-100%) can be managed together with driver signals such as
enable/disable, brake/unbrake (BLDC) and forward/reverse (DC).
The closed loop operation can be performed in terms of motor speed with encoder
feedback.
A complete PID (Proportional, Integrative, And Derivative) control algorithm is implemented.
The user can configure:
●
the value of PID terms (from 0.01 to 100)
●
the speed (from 1 to 3000 rpm)
●
the control loop time (from 1 to 52 ms)
●
the number of encoder pulses per revolution (1 to 65536)
PC + GUI
Board
Power
Control
board MDK
ST10
Feedback
board
(shielded)
PowerSPIN
boards
Encoder
signals
Encoder
signals
Power
signals
PWM/
Driver
BLDC or
DC
motors
Driver
Power
RS232
Serial
Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com