Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0289 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0289
Description  This user manual describes the features of the eMotion Kit
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0289 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0289 Datasheet HTML 1Page - STMicroelectronics UM0289 Datasheet HTML 2Page - STMicroelectronics UM0289 Datasheet HTML 3Page - STMicroelectronics UM0289 Datasheet HTML 4Page - STMicroelectronics UM0289 Datasheet HTML 5Page - STMicroelectronics UM0289 Datasheet HTML 6Page - STMicroelectronics UM0289 Datasheet HTML 7Page - STMicroelectronics UM0289 Datasheet HTML 8Page - STMicroelectronics UM0289 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
UM0289
Hardware
5/29
2
Hardware
2.1
MDK-ST10
(Refer to the MDK-ST10 User manual (UM0288) for more detailed information)
The core of the eMotion Kit is the control board which is based on the ST10F276
microcontroller, in which all the driver board management routines are implemented.
Board key features:
●
ST10F276 core (16-bit with DSP @ 64 MHz, 832 KB Flash,68 KB RAM)
●
RS232
●
RS485
●
2 CAN
●
I2C (3.3V and 5V)
●
MC Connector
●
3 powerSPIN connectors
●
VN808 board / GP connector
●
All pin outs available
The board design allows the user to develop a high-end motion control system based on this
16-bit microcontroller. The features of this powerful device allow the integration of complex
routines to create advanced motion control algorithms.
Referring on Figure 2, the eMotion kit uses the connectors PowerSpin_1, 2, 3 as indicated
on the silkscreen of the board with the text "PractiSpin 1", "PractiSpin 2", "PractiSpin 3".
To allow the compatibility with powerSPIN evaluation boards, for each board connector is
inserted a jumper (VCC PRACTI X, located close to the connector) that, if closed, provides
a 5V power supply to the respective board.
Communication with a PC and GUI system is achieved via an RS232 channel through a
standard DB9 female connector and using a standard RS232 cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com