Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0289 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0289
Description  This user manual describes the features of the eMotion Kit
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0289 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0289 Datasheet HTML 5Page - STMicroelectronics UM0289 Datasheet HTML 6Page - STMicroelectronics UM0289 Datasheet HTML 7Page - STMicroelectronics UM0289 Datasheet HTML 8Page - STMicroelectronics UM0289 Datasheet HTML 9Page - STMicroelectronics UM0289 Datasheet HTML 10Page - STMicroelectronics UM0289 Datasheet HTML 11Page - STMicroelectronics UM0289 Datasheet HTML 12Page - STMicroelectronics UM0289 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
UM0289
Hardware
9/29
2.3
Feedback board
In order to interface the control system with encoder signals coming from motors, a special
board, with two 20 pins connectors in the top side, is used (Feedback board).
This is a stackable board and has to be inserted using the four 36-pin connectors around the
microcontroller in the MDK-ST10 board. The insertion orientation is indicated with a dot in a
corner of the board (corresponding to pin 1 of the ST10 MCU)
The two connectors (Conn1 J3, Conn2 J4), used to allow the encoder feedback, are
shielded with the pair of pins connected to GND.
The dimensions of this board are about 6.5 x 6.5 cm. The following tables show the pin
assignments for each connector.
Table 2.
Conn1 Feedback board
Table 3.
Conn2 Feedback board
Conn.1
MDK-ST10 Pin
Functionality
1
P3.7
T2IN (encoder_1 A)
2GND
-
3
P5.15
T2EUD (encoder_1 B)
4GND
-
5
P3.6
T3IN (encoder_2 A)
6GND
-
7
P3.4
T3EUD (encoder_2 B)
8GND
-
9
P3.5
T4IN (encoder_3 A)
10
GND
-
11
P5.14
T4EUD (encoder_3 B)
12
GND
-
13
P2.6
CC16 (capture / GPIO)
14
GND
-
15
P1L.3
GPIO / ADC In
16
GND
-
17
P1L.4
GPIO / ADC In
18
GND
-
19
+5V
-
20
GND
-
Conn.2
MDK-ST10 Pin
Functionality
1
P1L.5
GPIO/ ADC In
2GND
-
3
P2.7
CC7 (capture / GPIO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com