Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3392 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 31Page - STMicroelectronics AN3392 Datasheet HTML 32Page - STMicroelectronics AN3392 Datasheet HTML 33Page - STMicroelectronics AN3392 Datasheet HTML 34Page - STMicroelectronics AN3392 Datasheet HTML 35Page - STMicroelectronics AN3392 Datasheet HTML 36Page - STMicroelectronics AN3392 Datasheet HTML 37Page - STMicroelectronics AN3392 Datasheet HTML 38Page - STMicroelectronics AN3392 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
AN3392
External component selection
Doc ID 018749 Rev 1
35/57
Note:
In order to guarantee the proper functionality of VOUT_SNS current flowing in the series,
connection of R3 and R4 should be between 20 µA and 200 µA.
10.10
Output voltage sensing capacitor
C10 is placed in parallel with R4 and is as close as possible to VOUT_SNS.
Its role is to maximize the stability of the voltage sensed by the VOUT_SNS pin.
If R3 and R4 are chosen properly and partition VOUT to 1.25 V, the voltage rating of this
capacitor can be 3.3 V or higher.
The capacitance value depends on the time constant (
τ
out) composed with R4 (τout=
C8*R3//R4) and by the system switching frequency (FSSW = 4*FSW).
Assuming R4<<R3 (so, R3//R4
R4):
Equation 24
so,
Equation 25
Note:
Even if the SPV1020 controls each phase at FSW (by default 100 kHz), the entire system
switching frequency (System-Fswitch) is four times the single-phase switching frequency (by
default 400 kHz).
10.11
Internal oscillator frequency
The SPV1020 controls the boost application by a PWM signal operating at the default
switching frequency of 100 kHz.
Default switching frequency is guaranteed by connecting the OSC_IN pin to 5 V (VREG).
The user can change the default value by placing a proper resistor (R6), as shown in
Figure 24, to ground.
The internal oscillator works with an integrated resistor of 120 k
Ω. Frequency is proportional
to the current provided to the oscillator block.
To change Fswitch to the desired switching frequency, R7 must be selected according to the
following formula:
Equation 26
T
OUT
10
1
F
ssw
------------
C10
10
1
F
SSW
---------------
1
R4
--------
⋅⋅
R7 k
[]
100
()
120
()
F
switch kHz
[]
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com