Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3392 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 41Page - STMicroelectronics AN3392 Datasheet HTML 42Page - STMicroelectronics AN3392 Datasheet HTML 43Page - STMicroelectronics AN3392 Datasheet HTML 44Page - STMicroelectronics AN3392 Datasheet HTML 45Page - STMicroelectronics AN3392 Datasheet HTML 46Page - STMicroelectronics AN3392 Datasheet HTML 47Page - STMicroelectronics AN3392 Datasheet HTML 48Page - STMicroelectronics AN3392 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
AN3392
SPV1020 parallel and series connection
Doc ID 018749 Rev 1
45/57
In the case where the irradiation is the same for each panel:
Equation 40
Equation 41
Equation 42
Equation 43
so,
Equation 44
For example, assuming Pout = 90 W and, if desired VOUT = 90 V, then Voutx = 30 V.
Lower irradiation for one panel, for example on panel 2, causes lower output power, so lower
Vout2 due to the Iout constraint:
Equation 45
The output voltage (VOUT) required by the load can be supplied by the 1
st and 3rd SPV1020
but only up to the limit imposed by their R3/R4 partitioning.
Some examples can help to understand the various scenarios assuming the following
conditions: R3/R4 limiting Voutx = 40 V and desired VOUT = 90 V.
Example 1:
Panel 2 has 75% of the irradiation that panels 1 and 3 have:
Pin1
Pin2
Pin3
==
Pout
3
Poutx x
1..3
=
[]
=
Poutx
1
3
---Pout
=
Poutx
Voutx
Ioutx
Voutx
Iout
=
=
Voutx
1
3
---Vout
=
Voutx
Poutx
Iout
----------------
=
Vout2
3
4
---
Vout1
3
4
---
Vout3
=
=
Pout1
Pout2
Pout3
==
Pout2
3
4
---Pin1
22.5W
==
Pout
Pout1
Pout2
Pout3
82.5W
=
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com