Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN827 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN827
Description  A 500W HIGH POWER FACTOR WITH THE L4981A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN827 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN827 Datasheet HTML 3Page - STMicroelectronics AN827 Datasheet HTML 4Page - STMicroelectronics AN827 Datasheet HTML 5Page - STMicroelectronics AN827 Datasheet HTML 6Page - STMicroelectronics AN827 Datasheet HTML 7Page - STMicroelectronics AN827 Datasheet HTML 8Page - STMicroelectronics AN827 Datasheet HTML 9Page - STMicroelectronics AN827 Datasheet HTML 10Page - STMicroelectronics AN827 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
AN827 APPLICATION NOTE
The minimum boost inductor value can be calculated as follows:
The Table shown below relates the current ripple to the input voltage.
The number of turns, N, can be calculated according to the following formula:
Where:
L is the calculated inductance value to limit the ripple current,
∆IL.
ILpk is the worst case inductor current occurring at low-line input voltage (88V)
Aeff is the effective cross-sectional area of the core
Bmax is the maximum allowable flux density of the core
The air gap is determined by referring to the magnetic core manufacturer’s AL vs. air gap curves. The air gap
needed for the specified inductance, turns and core type is found to be 2.8mm in the center post. To approxi-
mate the minimum core size needed for the conversion, the following equation may be used:
Where K is the specific energy constant that depends on the ratio of the gap length (lgap) and the effective length
(leff) of the core set and the maximum ∆B swing. Practically, K can be estimated as follows:
Thus, we have the following calculation for the minimum core set volume in cm3:
.
The core chosen for this design is an ETD geometry ferrite core set with the following characteristics:
Vin (rms)
Vin(peak)
IL(rms) Iin (rms)
IL(peak)
Current Ripple
Kr
88
124
6.31
8.92
2.13
0.119
120
170
4.63
6.55
2.44
0.186
141
199
3.94
5.57
2.50
0.224
180
255
3.09
4.37
2.31
0.264
200
283
2.78
3.93
2.07
0.263
220
311
2.53
3.58
1.73
0.242
240
339
2.31
3.27
1.29
0.197
264
373
2.10
2.97
0.63
0.106
K
r
∆I
L
2I
Lpk
⋅
------------------
I
Lpk
2I
Lrm s
2P
in
⋅
V
inrms
--------------------
=
⋅
=
;
=
L
min
V
out
4f
sw
∆I
Lm ax
⋅⋅
---------------------------------------
400
480kHz2.50
⋅⋅
------------------------------------------
0.5mH
==
=
N
LI
Lpk
⋅
A
eff
B
max
⋅
----------------------------
0.5mH 8.92m A
⋅
211 10
6
m
2
0.36T
⋅⋅
----------------------------------------------------
59 Turns
==
=
Volume
K L I
Lpk
I
Lpk
∆I
L
+
()
⋅
[]
⋅
≥
K11.5
I
eff
I
gap
----------
11.5
114
2.8
----------
468
=
⋅
=
=
Volume
468 0.5 10
3
–
8.92
8.92
2.5
+
()
⋅
[] 23.8cm
3
=
⋅⋅
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com