Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN827 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN827
Description  A 500W HIGH POWER FACTOR WITH THE L4981A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN827 Datasheet(HTML) 4 Page - STMicroelectronics

  AN827 Datasheet HTML 1Page - STMicroelectronics AN827 Datasheet HTML 2Page - STMicroelectronics AN827 Datasheet HTML 3Page - STMicroelectronics AN827 Datasheet HTML 4Page - STMicroelectronics AN827 Datasheet HTML 5Page - STMicroelectronics AN827 Datasheet HTML 6Page - STMicroelectronics AN827 Datasheet HTML 7Page - STMicroelectronics AN827 Datasheet HTML 8Page - STMicroelectronics AN827 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AN827 APPLICATION NOTE
4/20
Vcap > Vout + ∆Vripple + Vmargin = 400 + 8 + 40 = 448V
Where: Vout is the nominal regulated DC output voltage
∆Vripple is the ac voltage superimposed on the regulated DC output voltage
∆Vmargin is the allowance for tolerances in Vout and additional margin before OVP intervention
The capacitor chosen has a voltage rating of 450VDC. The overvoltage trip level of Pin 3 (OVP) must be set
below 450VDC.
Power Mosfet
The power mosfet, Q1, is used as the active switch due to its high frequency capability, ability to be driven di-
rectly from the controller and availability. The main criteria for its selection include the drain to source breakdown
voltage (BVdss), delivered power and temperature considerations.
Voltage Rating:
The power mosfet has to sustain the maximum boosted output dc voltage according to the following equation:
BVdss > Vout + ∆Vripple + Vmargin = 400 + 8 + 40 = 448V
The power mosfet chosen has a BVdss of 500V.
Power Rating:
The main parameters to consider are Rdson and the thermal characteristics of the package and heatsink. The
main losses in the power mosfet are the conduction and switching losses. The switching losses can be sepa-
rated into two quantities, capacitive and crossover losses. The switching losses are dependent on the mosfet
current di/dt. The maximum conduction (on-state) power losses can be calculated according to the following
equations:
IQrmsmax = 5.42A
Ponmax = IQrms
2max · R(DS)on max = 5.422 · 0.54 = 15.86W
Where:
IQrmsmax is the max. power mosfet rms current
Virmsmin is the min. specified rms input voltage
R(DS)on typ. = 0.27Ω at 25°C at 10A, VGS = 10V
R(DS)on max = 0.54Ω at 100°C
The capacitive switching losses at turn-on are calculated as follows:
I
Qm sm ax
P
out
η
2 V
irms min
⋅
-----------------------------------------
2
16
2 V
irms min
⋅⋅
3
π V
out
⋅
-----------------------------------------------
–
500
0.9
----------
288
⋅
------------------
2
16
2 88
⋅⋅
3
π 400
⋅
-----------------------------
–
⋅
=
⋅
=
P
capac i
c e
tan
3.3
C
oss
V
out
1.5
1
2
---C
ex t
V
out
2
⋅
+
⋅

 f
sw
2W
=
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com