Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN827 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN827
Description  A 500W HIGH POWER FACTOR WITH THE L4981A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN827 Datasheet(HTML) 2 Page - STMicroelectronics

  AN827 Datasheet HTML 1Page - STMicroelectronics AN827 Datasheet HTML 2Page - STMicroelectronics AN827 Datasheet HTML 3Page - STMicroelectronics AN827 Datasheet HTML 4Page - STMicroelectronics AN827 Datasheet HTML 5Page - STMicroelectronics AN827 Datasheet HTML 6Page - STMicroelectronics AN827 Datasheet HTML 7Page - STMicroelectronics AN827 Datasheet HTML 8Page - STMicroelectronics AN827 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AN827 APPLICATION NOTE
2/20
POWER COMPONENTS SELECTION
The power component values and types are derived and selected in the next section. Please refer to Figure 2,
500 Watt Demoboard Schematic.
Input Diode Bridge
The input diode bridge, D1, can be a standard slow-recovery type. The selection criteria include the maximum
peak reverse breakdown voltage, maximum forward average current, maximum surge current and thermal con-
siderations.
Maximum peak reverse voltage:
Therefore use a 600V rated diode.
Maximum forward average current:
The thermal considerations require the Ifave rating to be significantly higher than the value calculated. The part
chosen has a Ifave of 25A. Additionally, a small heatsink is required to keep the case temperature within speci-
fication.
Maximum surge current:
There is a significant inrush current at start-up due to the large value bulk capacitor, C6, at the output. There is
minimal impedance from the mains to this capacitor, thus at the peak of the input voltage waveform a large in-
rush current exists. This inrush current can be significantly reduced by some means of current limiting such as
an NTC or triac/resistor combination. The input bridge diode’s maximum surge current rating must not be ex-
ceeded. This demoboard has a low cost and simple NTC for current inrush limiting. The efficiency can be im-
proved by using the triac/resistor scheme, however the cost and complexity increases.
Input Fuse
The input fuse, F1, must open during severe current overloads without tripping during the transient inrush cur-
rent condition or during normal operation. The fuse must have a current rating above the maximum continuous
current (6.3Arms) that occurs at the low line voltage (88V). The fuse chosen for this demoboard has a continu-
ous current rating of 10A/250VAC.
Input Filter Capacitor
The input filter capacitor, C3, is placed across the diode bridge output. This capacitor must smooth the high fre-
quency ripple and must sustain the maximum instantaneous input voltage. In a typical application an EMI filter
will be placed between the mains and the PFC circuit. This demoboard does not have the EMI filter except for
V
prv
V
irmsmax
2 1.2 safety m
in
arg
() 264V
2 1.2
448V
=
⋅⋅
=
⋅⋅
=
I
rms max
P
OU T
V
rm s m in
n
⋅
-----------------------------
500
88 0.9
⋅
-------------------
6.31A
==
=
I
fave
I
rms max
2
⋅
π
--------------------------------
6.31
2
⋅
π
-----------------------
2.84A
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com