Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3142 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 3Page - STMicroelectronics AN3142 Datasheet HTML 4Page - STMicroelectronics AN3142 Datasheet HTML 5Page - STMicroelectronics AN3142 Datasheet HTML 6Page - STMicroelectronics AN3142 Datasheet HTML 7Page - STMicroelectronics AN3142 Datasheet HTML 8Page - STMicroelectronics AN3142 Datasheet HTML 9Page - STMicroelectronics AN3142 Datasheet HTML 10Page - STMicroelectronics AN3142 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
AN3142
The circuit implementing the line-modulated fixed-off-time with the new L6563S
Doc ID 17005 Rev 3
7/44
Equation 3
and V''ZCD(t) decreases from Vmult+VBE to VZCDtrigger = 0.7 V level in the following time
period t'':
Equation 4
Figure 7 illustrates the signal on the ZCD pin with the two discharging time constants
depending on the two resistors R, R0 and the L6563S parameters, particularly the upper
clamp voltage and the triggering voltage of the ZCD pin.
Figure 7.
ZCD pin signal with the fixed off-time generator circuit
The sum of the two time periods is the off-time function:
Equation 5
In this way, once the multiplier operating point (that is, the Vmult / VAC ratio) is fixed, with a
proper selection of R and R0 it is possible to increase TOFF with the line voltage so that, at
maximum line voltage, it is always TON>TONmin = 450 ns for the L6563S [4]. This is a
condition needed in order to avoid line distortion [
5].
()
() ⎥⎥⎦
⎤
⎢
⎢
⎣
⎡
⋅
+
−
+
⋅
⋅
+
⋅
⋅
+
⋅
−
=
′
R
V
V
)
R
R
(
V
R
V
V
ln
C
R
R
R
R
t
BE
mult
0
ZCDclamp
0
BE
mult
0
0
⎥
⎦
⎤
⎢
⎣
⎡
+
⋅
−
=
′′
BE
mult
ZCDtrigger
V
V
V
ln
RC
t
()
()
() ⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟⎠
⎞
⎜⎜⎝
⎛
+
+
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⋅
+
−
+
⋅
⋅
+
⋅
+
⋅
−
=
BE
mult
ZCDtrigger
BE
mult
0
ZCDclamp
0
BE
mult
0
0
OFF
V
V
V
ln
R
V
V
)
R
R
(
V
R
V
V
ln
R
R
R
RC
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com