Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3142 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3142 Datasheet HTML 1Page - STMicroelectronics AN3142 Datasheet HTML 2Page - STMicroelectronics AN3142 Datasheet HTML 3Page - STMicroelectronics AN3142 Datasheet HTML 4Page - STMicroelectronics AN3142 Datasheet HTML 5Page - STMicroelectronics AN3142 Datasheet HTML 6Page - STMicroelectronics AN3142 Datasheet HTML 7Page - STMicroelectronics AN3142 Datasheet HTML 8Page - STMicroelectronics AN3142 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
AN3142
List of figures
Doc ID 17005 Rev 3
3/44
List of figures
Figure 1.
Line, inductor, switch and diode currents in FF-CCM PFC. . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Line, inductor, switch and diode currents in TM PFC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 3.
Basic waveforms for fixed frequency PWM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Figure 4.
Basic waveforms for fixed-off-time PWM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Figure 5.
Block diagram of an FOT-controlled PFC pre-regulator . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 6.
Circuit implementing FOT control with the L6563S. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 7.
ZCD pin signal with the fixed off-time generator circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 8.
Switching frequency fixing the line voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 9.
The effect of fixing off-time - boundary between DCM and CCM . . . . . . . . . . . . . . . . . . . . 16
Figure 10.
Conduction losses and total losses in the STP12NM50FP MOSFET couples for the 400W
FOT PFC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 11.
L6563S internal schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 12.
Open-loop transfer function-bode plot . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 13.
Phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 14.
Multiplier characteristics family for VFF =1 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 15.
Multiplier characteristics family for VFF=3 V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 16.
Mains detector and discharge resistor allow fast response to sudden line drops not depend-
ing on the external RC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 17.
Brownout function in L6563S and L6563H . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 18.
Switching frequency function on the peak of the sinusoid input voltage waveform and the cor-
responding off-time value . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 19.
Off-time vs. input mains voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 20.
Switching frequency vs. input mains voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 21.
L6563H and L6563S pin-out comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 22.
High-voltage startup generator: internal schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 23.
Timing diagram: normal power-up and power-down sequences . . . . . . . . . . . . . . . . . . . . 35
Figure 24.
High-voltage startup behavior during latch-off protection . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 25.
High-voltage startup managing the DC-DC output short circuit . . . . . . . . . . . . . . . . . . . . . 37
Figure 26.
Excel spreadsheet design specification input table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 27.
Other design data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 28.
Excel spreadsheet FOT PFC using the L6563S (SO14-black pin out) schematic . . . . . . . 39
Figure 29.
Excel spreadsheet FOT PFC using the L6563H (SO16-red pin out) schematic. . . . . . . . . 39
Figure 30.
Excel spreadsheet BOM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 31.
L6563S 400W FOT PFC demonstration board (p/n EVL6563S-400W) . . . . . . . . . . . . . . . 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com