Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4414 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4414
Description  Anti-tampering ferrite less power supply for 3-phase energy meter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4414 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4414 Datasheet HTML 3Page - STMicroelectronics AN4414 Datasheet HTML 4Page - STMicroelectronics AN4414 Datasheet HTML 5Page - STMicroelectronics AN4414 Datasheet HTML 6Page - STMicroelectronics AN4414 Datasheet HTML 7Page - STMicroelectronics AN4414 Datasheet HTML 8Page - STMicroelectronics AN4414 Datasheet HTML 9Page - STMicroelectronics AN4414 Datasheet HTML 10Page - STMicroelectronics AN4414 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DocID025611 Rev 1
7/20
AN4414
Description of SMPS
20
1.2
Anti-tampering requirement
The E-meter SMPS requires a 0.5 T external magnetic immunity test and generally ferrites
saturated with a 0.5 T external magnetic field. In order to comply this norm, a lot of attention
is required in making proper shield transformers, which is very expensive and sometimes
still difficult to comply the norms easily. The alternative to this is to adapt a ferrite less or air
core transformer approach for such low power output requirement.
Considering the classical equations for a DCM (discontinuous conduction mode) flyback
converter as described in Section 1.1: Basic flyback equations will result in a higher
magnetizing inductance of primary of transformer. So using no ferrite material (we call this
as “Air core”) to build the high frequency transformer would result in higher number of turns
to achieve the required magnetizing inductance and with air core, the primary inductance in
the range of 1 mH is itself difficult to achieve with reasonable number of primary turns.
So the first most important criterion to this approach is to select a low primary inductance
value, Lp, but the value must be greater than a threshold in order not to cause an excess
peak drain current. The high voltage flyback switcher is specified with a finite peak current of
MOSFET, depending on its Rds_on and thermal dissipation. Considering the VIPER17 family
devices, we have this current as: Idlim = 0.4 A.
So during the wide mains operation, the peak primary current should be well below this
value to avoid any protection to activate in a nominal operation. The VIPER17 has a hiccup
mode activation above this current level.
As we know, the important parameters for a flyback design are:
Dmax = max duty cycle,
VR = reflected voltage,
Lp = primary inductance,
n = turn ratio, np/ns
Ipkp = peak primary current
fsw = switching frequency
Equation 15
Primary turns
where:
Ae = cross-sectional area of core chosen
As we know, selecting higher duty cycle will have below impact:
Equation 16
Np
Lp Ipkp
Bmax Ae
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com