Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4414 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4414
Description  Anti-tampering ferrite less power supply for 3-phase energy meter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4414 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4414 Datasheet HTML 5Page - STMicroelectronics AN4414 Datasheet HTML 6Page - STMicroelectronics AN4414 Datasheet HTML 7Page - STMicroelectronics AN4414 Datasheet HTML 8Page - STMicroelectronics AN4414 Datasheet HTML 9Page - STMicroelectronics AN4414 Datasheet HTML 10Page - STMicroelectronics AN4414 Datasheet HTML 11Page - STMicroelectronics AN4414 Datasheet HTML 12Page - STMicroelectronics AN4414 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DocID025611 Rev 1
9/20
AN4414
Description of SMPS
20
As we know from Equation 10:
that is:
Equation 17
or
So one can use a higher switching frequency of the operation to maintain a lower
inductance and hence a lower number of primary turns.
STMicroelectronics® has the VIPER17H for 115 KHz and the VIPER17L for 60 KHz
operation.
Select VIPER17H for this application.
1.3
Calculations
Input voltage to converter: 80 V to 265 VAC
Maximum withstanding voltage: 440 VAC line-line.
Output voltage: Vout = 5 V
Maximum output current: Iout = 100 mA
Equation 18
Pout = Vout x Iout
The typical power stage to withstand this wide mains operation is to clamp the DC bus
voltage to the flyback stage at a lower level. This can be achieved by using a MOSFET and
a Zener clamp circuit as a front-end stage as shown in the schematic in Figure 9 on
page 17. This approach is a simple series pass regulator and well acceptable as we are
dealing with a very low power output requirements. The DC input to the flyback stage
doesn't exceed the voltage at which the Zener clamp network starts conducting and any
further increase in an input rectified voltage will drop across the series MOSFET. Since the
current in the MOSFET is very small, we can select a D2PAK package in order to dissipate
the heat on the copper area provided in the printed circuit board.
Minimum DC bus voltage at flyback input:
Equation 19
Vdcmin ~ 100 VDC.
Lp
2 Pout
 Ipkp
2
fsw
-----------------------------------------
=
Lp
 1
fsw
---------
Lp
 1
Bmax
----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com