Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4414 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4414
Description  Anti-tampering ferrite less power supply for 3-phase energy meter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4414 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4414 Datasheet HTML 1Page - STMicroelectronics AN4414 Datasheet HTML 2Page - STMicroelectronics AN4414 Datasheet HTML 3Page - STMicroelectronics AN4414 Datasheet HTML 4Page - STMicroelectronics AN4414 Datasheet HTML 5Page - STMicroelectronics AN4414 Datasheet HTML 6Page - STMicroelectronics AN4414 Datasheet HTML 7Page - STMicroelectronics AN4414 Datasheet HTML 8Page - STMicroelectronics AN4414 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Description of SMPS
AN4414
4/20
DocID025611 Rev 1
The DC output voltage from the clamp circuit is filtered using a 4.7 µF capacitor C10 and
supplied to the drain pin of the device. The VCC of the device is supplied through an
auxiliary winding of the transformer (pins 1 - 2) and filtered by the capacitor C9. A
decoupling capacitor can also be connected to the VCC pin for noise suppression. On the
primary side of the transformer RCD clamp is being used using the R3, C3 and D3 to keep
the leakage spike as low as possible. The feedback to the device is provided using the
optocoupler U2 and TL431, U3 at the secondary side of the transformer. The voltage divider
network R11 and R12 provides 2.5 V reference to the pin1 of the TL431. The power supply
is designed for 5 V at 100 mA. The transformer primary inductance is sized to limit the peak
current through the device below the maximum level. The output DC is filtered using low
ESR capacitors C4 and C5. A post LC filter is also used to further scale down the ripple
voltage to get ultimate 5 V output required for the microcontroller and other circuitry in the
energy meter.
Some of the features of the VIPER17 like “BR” and “CONT” are not used here as the
objective is to analyze the VIPER17 application with the air core transformer. Briefly these
functions are explained below (Refer to the VIPER17 datasheet for more information on BR
and CONT features):
BR: the input voltage information is provided to the BR pin by using the resistor divider
network from rectified bus voltage and can detect the brownout threshold to turn off the
device. The resistor divider network R15, R16, R17 and R18 are programmed to
achieve brownout protection.
CONT: with the CONT pin, one can impose a limit on the peak drain current (Idlim can
be programmed using the R14) and another feature is to have protection in case output
overvoltage (output OVP protection), which can be sensed using the auxiliary winding
which is used for VCC biasing.
Table 2. Specification of SMPS
Parameters
Limits
Input voltage range
90 - 440 VAC, 3-phase, 4-wire
Input supply frequency
50 Hz
Input / output isolation
Yes
Output voltage/current
5 V/100 mA
Total output power
0.5 W
Application/load
Metering, auxiliary power supply
Output voltage ripple
<100 mV (pk-pk)
Power factor correction
No
Topology/ devices
Flyback VIPER17HN, STD4NK60Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com