Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4414 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4414
Description  Anti-tampering ferrite less power supply for 3-phase energy meter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4414 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4414 Datasheet HTML 1Page - STMicroelectronics AN4414 Datasheet HTML 2Page - STMicroelectronics AN4414 Datasheet HTML 3Page - STMicroelectronics AN4414 Datasheet HTML 4Page - STMicroelectronics AN4414 Datasheet HTML 5Page - STMicroelectronics AN4414 Datasheet HTML 6Page - STMicroelectronics AN4414 Datasheet HTML 7Page - STMicroelectronics AN4414 Datasheet HTML 8Page - STMicroelectronics AN4414 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DocID025611 Rev 1
3/20
AN4414
Description of SMPS
20
1
Description of SMPS
The front-end of the power supply comprises of a surge suppressor, rectifiers and
a MOSFET as a series regulator. The 3-phase, 4-wire bridge rectification scheme is
adopted so as to run the system in case of neutral missing. The input side is protected
against spikes using suitable varistors. Then EMI filter is connected across the DC using an
undamped LC filter (L1, C8 and C11) for both the common mode and differential mode
suppression. The purpose of the voltage clamping circuitry is to protect the flyback stage
against overvoltages for a better reliability and it comprises of an N-channel 2
/600 V
MOSFET Q1 and a self driven control circuit. The NTC limits the inrush current. The Zeners
D5 and D6 regulate the DC bus to the input of the buck stage to about 345 - 350 VDC, while
resistors R2, R5 and R7 provides enough of gate-source charge.
The flyback converter is built using an integrated power device - the VIPER17, one of the
devices from the VIPer® plus family. Some of the device features are listed below:
800 V avalanche rugged power section
PWM operation with frequency jittering for low EMI
Operating frequency:
–
60 kHz for L type
–
115 kHz for H type
Standby power < 50 mW at 265 VAC
Limiting current with adjustable set point
Adjustable and accurate overvoltage protection
Onboard soft-start
Safe autorestart after a fault condition
Hysteretic thermal shutdown
The device is available in DIP-7 and SO-16 narrow packages as shown in Figure 1.
Figure 1. DIP-7 and SO-16 narrow package
Table 1. Typical power capability of VIPER17
Part number
230 VAC
85 - 265 VAC
Adaptor(1)
1. Typical continuous power in non ventilated enclosed adapter measured at 50 °C ambient.
Open frame(2)
2. Maximum practical continuous power in an open frame design at 50 °C ambient, with adequate heat
sinking.
Adaptor(1)
Open frame(2)
VIPER17
9 W
12 W
5 W
7 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com