Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN394 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN394
Description  Within STMicroelectronics
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN394 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN394 Datasheet HTML 2Page - STMicroelectronics AN394 Datasheet HTML 3Page - STMicroelectronics AN394 Datasheet HTML 4Page - STMicroelectronics AN394 Datasheet HTML 5Page - STMicroelectronics AN394 Datasheet HTML 6Page - STMicroelectronics AN394 Datasheet HTML 7Page - STMicroelectronics AN394 Datasheet HTML 8Page - STMicroelectronics AN394 Datasheet HTML 9Page - STMicroelectronics AN394 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
AN394 - APPLICATION NOTE
When the Q output is at a “zero” level (VOL= 0.4 V), during the overlap period, the R and Rp resistors form
a potential divider chain, as shown in Figure 9. Rp must have a resistance greater than 5 times that of R.
This means that the “zero” level on the D/Q bus is: 0.4 V + (5 V -0.4 V) x R / (R + Rp) = 1.17 V. Although
this value is 330 mV below the 1.5 V maximum input-low level for CMOS, it does mean losing the wide
noise margin that is traditionally associated with the CMOS specification.
Figure 9. D/Q Bus Configuration with Pull-up Resistor (Rp)
For a high to low transition, the Q on-chip output buffer has to discharge the bus capacitance through the
R resistor and to sink some current from Vcc through the Rp resistor. The new time constant, when com-
pared to that calculated earlier in this document, is reduced by 17%, because of the parallel combination
of R and Rp. However, the steady low level is not 0.4 V, as had been assumed for TTL levels, but 1.17 V,
as calculated above for Rp = 5xR. Despite this smaller time constant, the voltage swing between high and
low is greater in this case, as described later in this document, so it is advisable to keep the same delay
(3xRC) between the C clock rising edge and the first sampling of the data line.
A greater problem is faced during the low to high transition, though. At first, the bus capacitance is charged
by the Q output through R, and from the Vcc power supply via Rp, again leading to a time constant for Rp
connected in parallel with R. But once the D/Q bus reaches the Q output voltage level, the Q on-chip buffer
automatically turns off, and the Rp resistor remains the only contributor to the charge of the bus capaci-
tance. This results in a much higher time constant: RpxC =5xRC.
For the worst case output-high level for Q (VOH= 2.4 V), combined with the minimum input-high level for
CMOS, the charging delay, after the Q driver cuts out, needs to be at least 0.55xRpC: that is, 2.75xRC.
This is still assuming Vcc = 5 V, and allowing for a noise margin of 300 or 400 mV.
As a result, the minimum delay between the rising edge of C and the sampling of the D/Q bus should be
2 or 3 times longer than the one we have found for the TTL levels (without Rp), and the clock frequency
must be reduced accordingly. (A typical oscilloscope plot is shown in Figure 10).
It is possible to avoid this situation by using a TTL-compatible CMOS device as the Q receiver circuit, and
thereby to remove the need for the Rp resistor. Suitable devices include:
s
members of the 74HCTXXX family
s
a CMOS microcontroller that provides an option for “TTL input levels” on its I/O ports, such as the ST9
series.
Ai02423
EEPROM Device
D
Q
Data In
D Driver
(CMOS)
Output
Buffer
R
RP
VCC
Driver Enable
(active low)
Data Out
Q Receiver
(CMOS)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com