Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN394 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN394
Description  Within STMicroelectronics
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN394 Datasheet(HTML) 2 Page - STMicroelectronics

  AN394 Datasheet HTML 1Page - STMicroelectronics AN394 Datasheet HTML 2Page - STMicroelectronics AN394 Datasheet HTML 3Page - STMicroelectronics AN394 Datasheet HTML 4Page - STMicroelectronics AN394 Datasheet HTML 5Page - STMicroelectronics AN394 Datasheet HTML 6Page - STMicroelectronics AN394 Datasheet HTML 7Page - STMicroelectronics AN394 Datasheet HTML 8Page - STMicroelectronics AN394 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AN394 - APPLICATION NOTE
2/10
start of the last address bit (A0) of the instruction (signalled by the rising edge of C), and starts to output
the leading zero that precedes the 16-bit data string. The data sheets specify the maximum delay (tCHQL)
between the rising edge of C and the leading zero data bit.
Figure 2. Timing Sequence for a Read Instruction
Since the D driver must remain enabled with the A0 bit for a minimum of tDVCH (the hold time), a bus
conflict occurs whenever the A0 bit is a “1”, as it would be for all odd addressed registers). The conse-
quences are:
– A low impedance path is created between Vcc and ground through the D driver and the on-chip Q output
buffer (as depicted in Figure 3). This short-circuit may produce glitches on the power supply which can
disturb all the circuits on the board.
– The logic level on the D/Q bus is not well-defined: the potential divider chain, so created, can end up
producing a voltage level anywhere between Vcc and 0 V. Thus access to the odd addressed registers
will probably be impossible.
Figure 3. Short-Circuit Created Between Vcc and Ground
Ai02420
D
1
Bus Conflict
Q
C
S
1
0
A5
A4
A3
A2
A1
A0
0
D15 D14 D13 D12 D11 D10
D9
High Impedance
Ai02424
EEPROM Device
D
Q
A0="1"
Common D/Q Bus
D Driver
Low Impedance Path
Output
Buffer
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com