Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN394 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN394
Description  Within STMicroelectronics
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN394 Datasheet(HTML) 4 Page - STMicroelectronics

  AN394 Datasheet HTML 1Page - STMicroelectronics AN394 Datasheet HTML 2Page - STMicroelectronics AN394 Datasheet HTML 3Page - STMicroelectronics AN394 Datasheet HTML 4Page - STMicroelectronics AN394 Datasheet HTML 5Page - STMicroelectronics AN394 Datasheet HTML 6Page - STMicroelectronics AN394 Datasheet HTML 7Page - STMicroelectronics AN394 Datasheet HTML 8Page - STMicroelectronics AN394 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AN394 - APPLICATION NOTE
4/10
Figure 5. Exponential Charge and Discharge of the Bus Capacitance
As a consequence, the logic level on the D/Q bus is not stable until some time after the rising edge of the
C clock. The delay in reading the bus should be at least 3xRC.
In a typical data sheet for a 5 V device, VOH(min) = 2.4 V and VOL(max) = 0.4 V, so giving a voltage swing
of 2 V. Using the 3xRC approximation, the D/Q bus levels will be:
– logical “1” = 2.3 V minimum after a delay of 3xRC
– logical “0” = 0.5 V maximum after the C rising edge
It might be necessary to reduce the C clock frequency, when shifting the 16 data bits out from the EEP-
ROM during a READ operation, by an amount that is directly related to the RC time constant of the D/Q
bus. All other operations can be performed at the nominal clock rate.
Figures 6, 7, 8 show some experimental examples, plotted from the oscilloscope, with different values of
R and C. In the last example, the maximum clock frequency is: 1/(3xRC) = 100 kHz, assuming that the D/
Q bus is sampled by the Q receiver circuitry just before the rising edge of the C clock.
Ai02422
0
RC
2xRC
3xRC
63%
RC = Time Constant
86%
95%
0
RC
2xRC
3xRC
5%
13%
37%
% of the
Voltage Swing



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com