Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1711 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1711
Description  SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1711 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1711 Datasheet HTML 3Page - STMicroelectronics AN1711 Datasheet HTML 4Page - STMicroelectronics AN1711 Datasheet HTML 5Page - STMicroelectronics AN1711 Datasheet HTML 6Page - STMicroelectronics AN1711 Datasheet HTML 7Page - STMicroelectronics AN1711 Datasheet HTML 8Page - STMicroelectronics AN1711 Datasheet HTML 9Page - STMicroelectronics AN1711 Datasheet HTML 10Page - STMicroelectronics AN1711 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7/40
SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
1.8 USING A 10-BIT ADC AS AN 8-BIT ADC
The EOC bit is cleared only when you read the ADCDRH. You can use the ADC in 8-bit mode
if you do not need 10-bit ADC resolution. Thus there is no need to read the ADCDRL register.
Here is the software flow:
1. Check for EOC
2. If EOC is set, read the ADCDRH. This clears the EOC bit.
3. Do not read the ADCDRL. It is not mandatory to read this register.
1.9 COMBINED REGISTER FOR CONTROL BITS AND LSB OF CONVERSION RESULT
Some ST7 devices have a single register containing both the 2 least significant bits of the con-
version result and by some control bits in the rest of the register. In this case you need to mask
the control bits to filter the 2 bits of the ADC conversion result.
1.10 ZOOMING TO LOW VOLTAGE SIGNALS
Some the ST7 devices (for example ST7LITE) have a built-in amplifier to amplify the input
signal. A control bit is available to switch the amplifier ON.
It is thus possible to zoom for lower voltages by switching the ADC amplifier ON and then
switching it OFF for higher voltages.
This is very useful for interfacing sensors directly connected to the ADC inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com