Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1711 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1711
Description  SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1711 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1711 Datasheet HTML 1Page - STMicroelectronics AN1711 Datasheet HTML 2Page - STMicroelectronics AN1711 Datasheet HTML 3Page - STMicroelectronics AN1711 Datasheet HTML 4Page - STMicroelectronics AN1711 Datasheet HTML 5Page - STMicroelectronics AN1711 Datasheet HTML 6Page - STMicroelectronics AN1711 Datasheet HTML 7Page - STMicroelectronics AN1711 Datasheet HTML 8Page - STMicroelectronics AN1711 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4/40
SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
1 GENERAL SOFTWARE CONSIDERATIONS
This section gives some basic guidelines for programming the ADC.
General Procedure
■
Check for fADC (max) supported by the device
■
Select the conversion channel (and start conversion)
■
Poll for End of Conversion
■
Read the ADC conversion results
Special Procedures
■
Entering HALT mode
■
Using a timer with the ADC to perform periodic conversions
Other Special Features
Not all ST7 ADCs have the same features, refer to the datasheet of the ST7 product you are
using for specific information. Depending on the device, you may need to apply these tips in
your ADC software:
■
Using 10-bit ADC as 8-bit ADC
■
Handling Control Bits located in same register as Data LSBs
■
Zooming to low voltage signals with embedded amplifier
1.1 CHECKING FOR FADC (MAX) SUPPORTED BY THE DEVICE
Before configuring the ADC and starting any conversions, you need to check the fADC max-
imum supported by the device. This value is documented in the ST7 datasheets, you should
refer to the ADC electrical characteristics section.
For example:- Some devices have a SPEED bit for working at fCPU/2 but the fADC (max) is 2
MHz. For ST7 devices, fCPU can be up to 8 MHz. In this case you cannot utilize the SPEED bit,
because it will boost fADC to 4 MHz, which is greater than the allowed maximum (fADC (max)
=2 MHz).
If fCPU is 4 MHz or lower (in Run or Slow mode), you can use the SPEED bit to run the ADC
at fCPU/2, and still respect the 2MHz. fADC (max).
Some devices support fADC (max) = 4MHz. It is thus necessary to check the electrical charac-
teristics before configuring the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com