Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1711 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN1711
Description  SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1711 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN1711 Datasheet HTML 20Page - STMicroelectronics AN1711 Datasheet HTML 21Page - STMicroelectronics AN1711 Datasheet HTML 22Page - STMicroelectronics AN1711 Datasheet HTML 23Page - STMicroelectronics AN1711 Datasheet HTML 24Page - STMicroelectronics AN1711 Datasheet HTML 25Page - STMicroelectronics AN1711 Datasheet HTML 26Page - STMicroelectronics AN1711 Datasheet HTML 27Page - STMicroelectronics AN1711 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
24/40
SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
4 CALIBRATING THE ADC
4.1 CALIBRATION ISSUES
1. If calibration is done on a single channel of the device, the calibration constant is applicable
to all the channels.
2. The ADC conversion errors cannot vary from one channel to another unless the source re-
sistance of any of the analog inputs is different, causing a different voltage drop across the
source resistance. The RAIN (max) value is provided in the ADC electrical characteristics
section of the datasheet.
3. Because of positive offset errors and negative gain errors, the actual range of analog input
voltage range will be reduced. The ADC cannot be calibrated outside this range.
Figure 14. 10-bit ADC Calibration Overview
4.2 CALIBRATION METHODS
The ADC can be calibrated using a known source so as to get accurate results.
4.2.1 Use accurate voltage reference
This is a simple way to calibrate the ADC. A known reference voltage is connected to a free
analog input channel and converted. The digital output received after the conversion can be
compared to the already known correct value. The correction factor is then used to correct all
other the digital values.
Correction factor = known expected value/Actual value
VSSA
1023
Digital
output
(Decimal
steps)
Actual
transfer curve
Ideal
transfer curve
Vin
Reduced
Range
Ideal range
Gain error (negative)
Offset
Error (positive)
Uncalibrated range
Uncalibrated
range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com