Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1711 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN1711
Description  SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1711 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN1711 Datasheet HTML 23Page - STMicroelectronics AN1711 Datasheet HTML 24Page - STMicroelectronics AN1711 Datasheet HTML 25Page - STMicroelectronics AN1711 Datasheet HTML 26Page - STMicroelectronics AN1711 Datasheet HTML 27Page - STMicroelectronics AN1711 Datasheet HTML 28Page - STMicroelectronics AN1711 Datasheet HTML 29Page - STMicroelectronics AN1711 Datasheet HTML 30Page - STMicroelectronics AN1711 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
27/40
SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
4.2.2 Use of external DAC
A precise external DAC (Digital to Analog Converter) can be used to provide a software con-
trolled voltage reference. The output received can then be used by the ADC to get the digital
value.
The comparison between the expected and actual value will provide the calibration constant.
Using the DAC creates a closed loop system and hence this technique is very effective.
Disadvantages
1. The disadvantage of this method is the cost of the extra device which is generally high.
2. The DAC will have its own errors which will effect the calibration, therefore a DAC with very
good accuracy is required.
Figure 17. Hardware setup for ADC calibration using DAC
4.2.3 Maintaining a Lookup table
You can maintain a lookup table to correlate the ADC conversion results with the correct re-
sult. This requires converting each voltage step with ADC and storing the digital results for
each digital code in non volatile (program) memory. This will use lot of program memory.
For example to maintain the lookup table for all 1024 digital codes would require program
memory equal to 1024 words. This is equivalent to 2KB memory.
For an 8-bit ADC, the program memory required for the lookup table would be 256 bytes.
Comments:
1. This is the fastest method of getting the correct values for any analog input voltage.
2. It is a very time consuming process to take the readings for all 1023 steps and then maintain
the table in the software.
DAC
Microcontroller
Control
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com