Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2549 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2549
Description  Porting an application from the ST10F269Zx to the ST10F272Z2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2549 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2549 Datasheet HTML 12Page - STMicroelectronics AN2549 Datasheet HTML 13Page - STMicroelectronics AN2549 Datasheet HTML 14Page - STMicroelectronics AN2549 Datasheet HTML 15Page - STMicroelectronics AN2549 Datasheet HTML 16Page - STMicroelectronics AN2549 Datasheet HTML 17Page - STMicroelectronics AN2549 Datasheet HTML 18Page - STMicroelectronics AN2549 Datasheet HTML 19Page - STMicroelectronics AN2549 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
AN2549
New features
16/33
2
New features
2.1
Additional XPeripherals
Some peripherals have been added to the ST10F272Z2. They are mapped on the XBus and
are linked to additional alternate functions of some ports of the ST10F272Z2.
The additional XPeripherals are the following:
●
A second SSC (SSC of ST10F269Zx becomes SSC0, while the new one is referred to
as XSSC or simply SSC1). Note that some restrictions and functional differences due
to the XBus peculiarities are present between the standard SSC, and the new XSSC.
●
A second ASC (ASC0 of ST10F269Zx remains ASC0, while the new one is referred to
as XASC or simply as ASC1). Note that some restrictions and functional differences
due to the XBus peculiarities are present between the standard ASC, and the new
XASC.
●
An I2C interface is added (see X-I2C or simply I2C interface).
In addition to the previous XPeripherals, the ST10F272Z2 also features a second PWM
(PWM of ST10F269Zx becomes PWM0, while the new one is referred to as XPWM or
simply as PWM1). Note that some restrictions and functional differences due to the XBus
peculiarities are present between the standard PWM, and the new XPWM.
2.1.1
Hardware impact
None if the additional XPeripherals are not used.
2.1.2
Software impact
None if the additional Peripherals are not used. As they are XPeripherals, they can be
enabled / disabled via the XPERCON and SYSCON registers. By default, the settings of
XPERCON and SYSCON are compatible with the ST10F269Zx.
2.2
Programmable divider on CLKOUT
A specific register mapped on the XBus is used to choose the division factor on the
CLKOUT signal (P3.15).
XCLKOUTDIV (E902h)
XBUS
Reset value: --00h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
DIV
-R/W
Table 12.
XCLKOUTDIV register description
Bit
Function
DIV
fclkout = fCPU / (DIV + 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com