Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2549 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2549
Description  Porting an application from the ST10F269Zx to the ST10F272Z2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2549 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2549 Datasheet HTML 1Page - STMicroelectronics AN2549 Datasheet HTML 2Page - STMicroelectronics AN2549 Datasheet HTML 3Page - STMicroelectronics AN2549 Datasheet HTML 4Page - STMicroelectronics AN2549 Datasheet HTML 5Page - STMicroelectronics AN2549 Datasheet HTML 6Page - STMicroelectronics AN2549 Datasheet HTML 7Page - STMicroelectronics AN2549 Datasheet HTML 8Page - STMicroelectronics AN2549 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
AN2549
Modified features
3/33
1
Modified features
1.1
Pinout
1.1.1
Pinout modification summary
Table 1 summarizes the modifications made to the pinout.
1.1.2
Pin 17
On the ST10F269Zx, a decoupling capacitor of 330nF minimum has to be connected
between the pin 17 (named DC2) and the nearest VSS pin.
This is no longer the case for the ST10F272Z2 device where pin 17 is a VDD pin.
Hardware impact
PCB must be adapted.
Software impact
None.
Table 1.
Pinout modifications
Pin
number
ST10F269Zx
ST10F272Z2
Name
Function
Name
Function
17
DC2
Internal voltage regulator decoupling.
Connect to nearest VSS via a 330nF
capacitor.
VDD
5V power supply pin
56
DC1
Internal voltage regulator decoupling.
Connect to nearest VSS via a 330nF
capacitor.
V18
Internal voltage regulator decoupling.
Connect to nearest VSS via a
10 - 100nF capacitor.
99
EA
Selects code execution out of internal
Flash memory or external memory
according to level during reset.
EA-VSTBY
Selects code execution out of internal
Flash memory or external memory
according to level during reset. Power
supply input for the standby mode.
143
VSS
Ground pin
XTAL3
Input to the 32 kHz oscillator amplifier
circuit. When not used, must be tied to
ground to avoid consumption.
Additionally, bit OFF32 in RTCCON
register must be set.
144
VDD
5V power supply pin
XTAL4
Output of the 32 kHz oscillator
amplifier circuit. When not used, must
be left open to avoid spurious
consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com