Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2555 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 3Page - STMicroelectronics AN2555 Datasheet HTML 4Page - STMicroelectronics AN2555 Datasheet HTML 5Page - STMicroelectronics AN2555 Datasheet HTML 6Page - STMicroelectronics AN2555 Datasheet HTML 7Page - STMicroelectronics AN2555 Datasheet HTML 8Page - STMicroelectronics AN2555 Datasheet HTML 9Page - STMicroelectronics AN2555 Datasheet HTML 10Page - STMicroelectronics AN2555 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AN2555 - Application note
Modified features
7/33
1.3.1
Hardware impacts
None.
1.3.2
Software impacts
The mapping of the application, the programming and erasing routines are impacted.
1.4
A/D converter
In the ST10F276Z5, the Analog Digital converter has been re-designed (compared to the A/D converter
in the ST10F269Zx). The ST10F276Z5 still provides an Analog / Digital Converter with 10-bit resolution
and an on-chip sample & hold circuit.
1.4.1
Hardware / Software impact: conversion timing control
The A/D Converter in the ST10F276Z5 is not fully compatible to that in the ST10F269Zx (timing and
programming model).
Table 3.
Flash memory mapping
Segment
number
ST10F269Zx Flash mapping
ST10F276Z5 Flash mapping
14
05’0000 - 0E’FFFF
0E’0000 - 0E’FFFF
Flash registers
13
0D’0000 - 0D’FFFF X-Bank3, Block1: 64KB
12
0C’0000 - 0C’FFFF X-Bank3, Block0: 64KB
11
0B’0000 - 0B’FFFF
X-Bank2, Block2: 64KB
10
External memory
0A’0000 - 0A’FFFF
X-Bank2, Block1: 64KB
9
09’0000 - 09’FFFF
X-Bank2, Block0: 64KB
8
08’0000 - 08’FFFF
I-Bank1, Block1: 64KB
7
07’0000 - 07’FFFF
I-Bank1, Block0: 64KB
6
06’0000 - 06’FFFF
I-Bank0, Block9: 64KB
5
05’0000 - 05’FFFF
I-Bank0, Block8: 64KB
4
04’0000 - 04’FFFF
Block6: 64KB
04’0000 - 04’FFFF
I-Bank0, Block7: 64KB
3
03’0000 - 03’FFFF
Block 5: 64KB
03’0000 - 03’FFFF
I-Bank0, Block6: 64KB
2
02’0000 - 02’FFFF
Block 4: 64KB
02’0000 - 02’FFFF
I-Bank0, Block5: 64KB
1
01’8000 - 01’FFFF
Block 3: 32KB
01’8000 - 01’FFFF
I-Bank0, Block4: 32KB
01’0000 - 01’7FFF
External memory
01’0000 - 01’7FFF
External memory
00’8000 - 00’FFFF
External memory
Internal RAM
00’8000 - 00’FFFF
External memory
Internal RAM
0
00’6000 - 00’7FFF
Block 2: 8KB
00’6000 - 00’7FFF
I-Bank0, Block3: 8KB
00’4000 - 00’5FFF
Block 1: 8KB
00’4000 - 00’5FFF
I-Bank0, Block2: 8KB
00’0000 - 00’3FFF
Block 0: 16KB
00’2000 - 00’3FFF
I-Bank0, Block1:8KB
00’0000 - 00’1FFF
I-Bank0, Block0: 8KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com