Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2555 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2555 Datasheet HTML 1Page - STMicroelectronics AN2555 Datasheet HTML 2Page - STMicroelectronics AN2555 Datasheet HTML 3Page - STMicroelectronics AN2555 Datasheet HTML 4Page - STMicroelectronics AN2555 Datasheet HTML 5Page - STMicroelectronics AN2555 Datasheet HTML 6Page - STMicroelectronics AN2555 Datasheet HTML 7Page - STMicroelectronics AN2555 Datasheet HTML 8Page - STMicroelectronics AN2555 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
AN2555 - Application note
Modified features
3/33
1
Modified features
1.1
Pinout
1.1.1
Pinout modification summary
Table 1 summarizes the modifications made in the pinout.
1.1.2
Pin 17
On the ST10F269Zx, a decoupling capacitor of 330nF minimum has to be connected between the pin 17
(named DC2) and the nearest V
SS pin.
This is no longer the case for the ST10F276Z5 device where pin 17 is a VDD pin.
Hardware impact
PCB must be adapted.
Software impact
None.
Table 1.
Pinout modifications
Pin number
ST10F269Zx name and function
ST10F276Z5 name and function
17
DC: Internal voltage regulator decoupling.
Connect to nearest VSS via a 330 nF
capacitor.
VDD: 5 V power supply pin
56
DC1: Internal voltage regulator
decoupling. Connect to nearest VSS via a
330nF capacitor.
V18: Internal voltage regulator
decoupling. Connect to nearest VSS via a
10-100nF capacitor.
99
EA: Selects code execution out of internal
Flash memory or external memory
according to level during reset.
EA-VSTBY: Selects code execution out of
internal Flash memory or external
memory according to level during reset.
Power supply input for standby mode.
143
VSS: Ground pin
XTAL3: Input to the 32 kHz oscillator
amplifier circuit. When not used shall be
tied to ground to avoid consumption.
Besides, bit OFF32 in RTCCON register
must be set.
144
VDD: 5V power supply pin
XTAL4: Output of the 32 kHz oscillator
amplifier circuit. When not used must be
left open to avoid spurious consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com