Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2555 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2555 Datasheet HTML 1Page - STMicroelectronics AN2555 Datasheet HTML 2Page - STMicroelectronics AN2555 Datasheet HTML 3Page - STMicroelectronics AN2555 Datasheet HTML 4Page - STMicroelectronics AN2555 Datasheet HTML 5Page - STMicroelectronics AN2555 Datasheet HTML 6Page - STMicroelectronics AN2555 Datasheet HTML 7Page - STMicroelectronics AN2555 Datasheet HTML 8Page - STMicroelectronics AN2555 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
AN2555 - Application note
Modified features
4/33
1.1.3
Pin 56
On the ST10F269Zx, a decoupling capacitor of 330nF minimum has to be connected between the pin 56
(named DC1) and the nearest VSS pin.
On the ST10F276Z5, pin 56 is named V18 and a capacitor of value between 10nF minimum to 100nF
maximum must be connected between it and the nearest VSS pin.
Hardware impact
Change on the capacitor value. As the value is much lower, the footprint of the capacitor might be smaller
and a modification of the PCB might be needed.
Software impact
None.
1.1.4
Pin 99
On the ST10F269Zx, pin 99 is EA and used upon reset to select the start from the internal Flash memory
or the external memory.
On the ST10F276Z5, pin 99 has the additional function of providing the 5V power supply to the device in
standby mode (new power-saving mode), it is called EA-VSTBY.
Hardware impact
The modification depends on the previous use of the ST10F269Zx and on whether the Standby mode is
used or not.
For an application where the Standby mode is not used, no change to the PCB is required. If the new
application uses the Standby mode, the EA-VSTBY pin must be separated from the common 5V and have
a specific supply path.
Software impact
None.
1.1.5
Pins 143 and 144
These pins are VSS and VDD, respectively, in the ST10F269Zx. On the ST10F276Z5 they are used as
XTAL3 and XTAL4 for connection to an optional 32 kHz crystal to clock the Real Time Clock during
power-down.
Hardware impact
PCB must be redesigned.
If the optional 32 kHz is not used:
●
pin 143 (XTAL3) must be linked to ground like on the ST10F269Zx
●
pin 144 (XTAL4) must be left open. It can also be connected to ground via a capacitor to reduce the
potential RF noise that might be propagated inside the device if the pin is left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com