Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2633 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 10Page - STMicroelectronics AN2633 Datasheet HTML 11Page - STMicroelectronics AN2633 Datasheet HTML 12Page - STMicroelectronics AN2633 Datasheet HTML 13Page - STMicroelectronics AN2633 Datasheet HTML 14Page - STMicroelectronics AN2633 Datasheet HTML 15Page - STMicroelectronics AN2633 Datasheet HTML 16Page - STMicroelectronics AN2633 Datasheet HTML 17Page - STMicroelectronics AN2633 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Power supply and clocks
AN2633
14/48
Figure 3.
Low power mode state diagram
1.4.1
Normal Run mode
This is the default run mode. The CPU executes instructions and any or all of the on-chip
peripherals are in active state. You can turn-on or turn-off the clock of any of the peripherals
writing to Peripheral clock gating register 0 (SCU_PCGR0) or Peripheral clock gating
register 1 (SCU_PCGR1). You can also reduce the frequency (by means of clock dividers)
of the various clocks in order to optimize power usage while operating in normal run mode.
1.4.2
Special Interrupt Run mode
Special Interrupt mode FIQ
The special interrupt mode using FIQ causes the CPU to temporarily operate at full speed
(fMSTR as clock frequency) while servicing one or more interrupts and return back to normal
run mode with the speed selected by the clock RCLKDIV divider (see Figure 2) when the
interrupt routine is complete. You enable/disable this mode using the CPU_INTR bit in the
Power management register (SCU_PWRMNG).
Special Interrupt mode IRQ
The special interrupt mode using IRQ causes the CPU to operate at full speed (fMSTR as
clock frequency) when the IRQ service routine reads the vector address register in the VIC
and jumps then to the specified interrupt with the speed selected by the RCLKDIV clock
divider. You enable/disable this mode using the CPU_INTR bit in the Power management
register (SCU_PWRMNG).
Workarounds
To operate at full speed when servicing the IRQ interrupts, you have to configure the desired
clock frequency at the beginning of the interrupt routine. Then, you have to switch the
system clock back to the operating frequency after disabling the interrupt.
1.4.3
Idle mode
Idle mode is entered under software control, by writing the value ‘001b’ to the
PWR_MODE[2:0] bits in the Power management register (SCU_PWRMNG). In this mode,
Normal
Run
mode
Sleep
mode
Idle
mode
Special
Run mode
Interrupt
Power up reset
Set Idle
Mode
Interrupt
Reset
Interrupt
Return from
Interrupt
Set sleep
mode
Wake-up
RTC alarm
Reset
RTC alarm
Wake-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com