Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2633 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 37Page - STMicroelectronics AN2633 Datasheet HTML 38Page - STMicroelectronics AN2633 Datasheet HTML 39Page - STMicroelectronics AN2633 Datasheet HTML 40Page - STMicroelectronics AN2633 Datasheet HTML 41Page - STMicroelectronics AN2633 Datasheet HTML 42Page - STMicroelectronics AN2633 Datasheet HTML 43Page - STMicroelectronics AN2633 Datasheet HTML 44Page - STMicroelectronics AN2633 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
AN2633
Operating measurements
41/48
Test 33: LPMode_Run_Special_Interrupt_FIQ
1.
When you push a button connected to pin P7.4, the system enters Run mode with the
fRCLK=fMSTR/2 as frequency and P9.0 pin is toggled.
2.
When a falling edge on EXINT group 0 line2 is detected, an interrupt is generated. To
indicate that the system is in Special Interrupt Run mode FIQ operating with fMSTR, a
LED connected to P9.1 pin is toggled. After servicing the interrupt routine, the MCU
3.2.10
Battery supply tests
Test 34: LPMode_Vbatt_SRAM_ON
In this test, The SRAM switches its supply from the internal VDD source to the VBATT pin
when the VDD and VDDQ voltage drops below that of the LVD threshold. In this test, the
SRAM is enabled.
Test 35: LPMode_Vbatt_SRAM_OFF
In this test, The SRAM switches its supply from the internal VDD source to the VBATT pin
when the VDD and VDDQ voltage drops below that of the LVD threshold. In this test, the
SRAM is disabled.
3.3
Measurements and typical values
For all measurements:
All peripherals are disabled except if explicitly mentioned.
For measurements in Table 20:
All I/O pins are configured in output push-pull 1 (to measure IDDQ).
No I/O pads toggling (to measure IDDQ).
For all measurements in Table 20, Table 21 and Table 22:
a crystal is connected to X1_CPU and X2_CPU.
Note:
All measurements are done on rev H silicon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com