Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0851 Datasheet(PDF) 228 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 228 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 224Page - STMicroelectronics UM0851 Datasheet HTML 225Page - STMicroelectronics UM0851 Datasheet HTML 226Page - STMicroelectronics UM0851 Datasheet HTML 227Page - STMicroelectronics UM0851 Datasheet HTML 228Page - STMicroelectronics UM0851 Datasheet HTML 229Page - STMicroelectronics UM0851 Datasheet HTML 230Page - STMicroelectronics UM0851 Datasheet HTML 231Page - STMicroelectronics UM0851 Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 245 page
background image
Power management section
UM0851
228/245
Doc ID 16604 Rev 2
The architecture specific code puts the system into low power mode. The architecture
specific code uses the following algorithm.
●
Register SPEAr Architecture Specific driver PM framework. The Architecture layer
provides the functions for entering suspend-to-RAM state and then waking-up from
sleep.
●
Each device's driver is asked to suspend the device by putting it into a state compatible
with the target system state.
●
The DDR is put into self-refresh mode. The system enters a low power state,
depending on the mode.
●
Wake-up-enabled devices usually stay partly functional in order to wake the system.
●
The wake-up is normally triggered by a GPIO/Ethernet/RTC interrupt. This trigger
generates the interrupt to wake up the system. The DDR is then moved back from Self
Refresh mode and the system is put back into Normal mode.
●
When the system leaves this low power state, the device's driver is asked to resume.
●
The suspend and resume operations always go together, and both are multi-phase
operations.
●
The SPEAr architecture driver (arch/arm/mach-spearxxx/pm.c) registers into the kernel
PM framework using the suspend_set_ops() call. The arch code provides the function
pointers to a set of suspend resume operations to be performed by the SPEAr-specific
code.
The data structure used for the this is:
struct platform_suspend_ops {
int (*valid)(suspend_state_t state);
int (*begin)(suspend_state_t state);
int (*prepare)(void);
int (*enter)(suspend_state_t state);
void (*finish)(void);
void (*end)(void);
}
/*Below is a section of the code demonstrating the registration into the PM framework
from the architecture specific driver */
static int __init spear_pm_init(void) {
…
suspend_pm_ops(&spear_pm_ops);
…
}
/* The device driver which need to act as wakeup source should set up the wakeup
event via following system calls*/
int set_irq_wake(irq, state);
int disable_irq_wake(unsigned int irq)
/* refer drivers/net/arm/spr_eth_syn.c for details */
10.3.2
Clock framework API
The Linux 2.6 kernel provides a clock framework to be used by the drivers in the kernel
space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com