Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0851 Datasheet(PDF) 230 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 230 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 226Page - STMicroelectronics UM0851 Datasheet HTML 227Page - STMicroelectronics UM0851 Datasheet HTML 228Page - STMicroelectronics UM0851 Datasheet HTML 229Page - STMicroelectronics UM0851 Datasheet HTML 230Page - STMicroelectronics UM0851 Datasheet HTML 231Page - STMicroelectronics UM0851 Datasheet HTML 232Page - STMicroelectronics UM0851 Datasheet HTML 233Page - STMicroelectronics UM0851 Datasheet HTML 234Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 245 page
background image
Power management section
UM0851
230/245
Doc ID 16604 Rev 2
Middle level clock management layer
The middle management clock layer acts as a transition between the lower layer which
actually interacts with the hardware and the kernel.
The drivers calling into the kernel for the clock requirements need to ensure that if the clock
source is shared between multiple drivers, clk_enable() calls must be balanced by the same
number of clk_disable() calls for the clock source to be disabled. Each clk_enable() call
increments the reference count of the clock and its dependencies as described in
Section 10.2.2
above.
The Middle Management layer tracks the reference counts and resolves the dependencies
in the clock dependency tree.
Lower level clock management layer
The lower level clock management layer actually interacts with the hardware to ensure that
the proper settings are being done in the respective registers required for the proper
functioning of the clock tree.
At the time when the kernel is being booted, the clock tree initialization takes place based
upon a static clock tree that has been defined in (arc/arm/mach-
spearxxx/include/arm/spearxxx_clock.h). This tree provides in the exhaustive clock
dependencies that have been maintained for the SPEAr system.
Note:
The clocks in the RAS hardware area are not covered in the software management of the
clocks as yet.
One of the most important data structures that has been used in the clock framework is the
struct clk.
struct clk {
struct res_handle
*res;
struct list_head
node;
struct list_head
clk_got;
struct list_head
clk_enabled;
struct module
*owner;
const char
*name;
int
id;
struct clk
*parent;
unsigned long
rate;
__u32
flags;
volatile u32
*enable_reg;
__u8
enable_bit;
__s8
usecount;
void
(*recalc)(struct clk *);
int
(*set_rate)(struct clk *, unsigned long);
long
(*round_rate)(struct clk *, unsigned long);
void
(*init)(struct clk *);
int
(*enable)(struct clk *);
void
(*disable)(struct clk *);
__u32
prcmid;
u8
fixed_div;
volatile u32*clksel_reg;
u32
clksel_mask;
const struct clksel*clksel;
const struct dpll_data*dpll_data;
__u8
rate_offset;
__u8
src_offset;
};



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com