Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0970 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0970
Description  STM8L-DISCOVERY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0970 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0970 Datasheet HTML 3Page - STMicroelectronics UM0970 Datasheet HTML 4Page - STMicroelectronics UM0970 Datasheet HTML 5Page - STMicroelectronics UM0970 Datasheet HTML 6Page - STMicroelectronics UM0970 Datasheet HTML 7Page - STMicroelectronics UM0970 Datasheet HTML 8Page - STMicroelectronics UM0970 Datasheet HTML 9Page - STMicroelectronics UM0970 Datasheet HTML 10Page - STMicroelectronics UM0970 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
UM0970
Hardware and layout
Doc ID 17693 Rev 2
7/30
Figure 3.
Top layout
ST-Link
LCD 24 segments
IDD measurement
STM8L152C6T6
B2
CN2
JP1
LD3
LD4
B1
CN3
IDD module
LD1
LD2
User button
LED blue
Reset button
LED green
SWIM connector
COM
power
SB1,2
X2 crystal
D2 diode
D1 diode
ST-Link/Discovery
selector
+3.3V power supply
input
+5V
power supply
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com