Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0970 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM0970
Description  STM8L-DISCOVERY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0970 Datasheet(HTML) 3 Page - STMicroelectronics

  UM0970 Datasheet HTML 1Page - STMicroelectronics UM0970 Datasheet HTML 2Page - STMicroelectronics UM0970 Datasheet HTML 3Page - STMicroelectronics UM0970 Datasheet HTML 4Page - STMicroelectronics UM0970 Datasheet HTML 5Page - STMicroelectronics UM0970 Datasheet HTML 6Page - STMicroelectronics UM0970 Datasheet HTML 7Page - STMicroelectronics UM0970 Datasheet HTML 8Page - STMicroelectronics UM0970 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
UM0970
Quick start
Doc ID 17693 Rev 2
3/30
1
Quick start
The STM8L-DISCOVERY is a low-cost and easy-to-use development kit to quickly evaluate
and start a development with an STM8L ultralow power microcontroller.
For more information on the STM8L-DISCOVERY and for demonstration software visit
www.st.com/stm8l-discovery.
1.1
Getting started
1.
Check jumper positions on the board, JP1 and CN3 ON (Discovery selected).
2.
Connect the STM8L-DISCOVERY board to a PC with a USB cable to power the board.
Red LED LD2 (PWR) then lights up.
3.
Function 1 is executed and each click on user button B2 changes the executed function
as described in Table 1.
To study or modify the DISCOVER project related to this demo, visit www.st.com/stm8l-
discovery and follow the tutorial. Discover the STM8L features, download and execute
programs proposed in the list of projects. This site also contains examples from which you
can develop your own applications.
1.2
System requirements
●
Windows PC (2000, XP, Vista)
●
A/Mini-B USB cable
Table 1.
Functions
Function LED LD3/4
Bars
Value displayed
1
Blink
STM8L VDD voltage measured
2
Off
STM8L consumption measured in Run mode
3
Off
STM8L consumption measured in Low power mode, LCD on
4
Off
STM8L consumption measured in Low power mode, LCD off
5
Off
STM8L consumption measured in Halt mode, LCD off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com