Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0970 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0970
Description  STM8L-DISCOVERY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0970 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0970 Datasheet HTML 1Page - STMicroelectronics UM0970 Datasheet HTML 2Page - STMicroelectronics UM0970 Datasheet HTML 3Page - STMicroelectronics UM0970 Datasheet HTML 4Page - STMicroelectronics UM0970 Datasheet HTML 5Page - STMicroelectronics UM0970 Datasheet HTML 6Page - STMicroelectronics UM0970 Datasheet HTML 7Page - STMicroelectronics UM0970 Datasheet HTML 8Page - STMicroelectronics UM0970 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
UM0970
Features
Doc ID 17693 Rev 2
5/30
2
Features
The STM8L-DISCOVERY offers the following features:
●
STM8L152C6T6 microcontroller, 32 KB Flash, 2 KB RAM, 1 KB EEPROM in 48-pin
LQFP
●
On-board ST-Link with selection mode switch to use the kit as a stand-alone ST-Link
(with SWIM connector for programming and debugging)
●
Two red LEDs; LD1 for USB communication, LD2 for 3.3 V power on
●
Designed to be powered by USB or an external supply of 5 V or 3.3 V
●
Can supply target application with 5 volts and 3 volts
●
Two user LEDs, LD3 and LD4 (green and blue)
●
Two push buttons (User and Reset)
●
IDD current measurement
●
LCD 28-pin DIP (24 segments, 4 commons)
●
Extension header for all QFP48 I/Os for quick connection to prototyping board for easy
probing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com