Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0970 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0970
Description  STM8L-DISCOVERY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0970 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0970 Datasheet HTML 5Page - STMicroelectronics UM0970 Datasheet HTML 6Page - STMicroelectronics UM0970 Datasheet HTML 7Page - STMicroelectronics UM0970 Datasheet HTML 8Page - STMicroelectronics UM0970 Datasheet HTML 9Page - STMicroelectronics UM0970 Datasheet HTML 10Page - STMicroelectronics UM0970 Datasheet HTML 11Page - STMicroelectronics UM0970 Datasheet HTML 12Page - STMicroelectronics UM0970 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
UM0970
Hardware and layout
Doc ID 17693 Rev 2
9/30
3.1
STM8L152C6T6 microcontroller
This 8-bit ultralow power MCU has 32 KB Flash, 2 KB RAM, 1 KB data EEPROM, RTC,
LCD, timers, USART, I2C, SPI, ADC, DAC and comparators.
Figure 5.
STM8L152C6T6 package
This device provides the following benefits:
●
Ultralow power proprietary 130 nm technology:
Speed and power consumption independent of MCU power supply, Ultralow leakage
●
Ultralow power design (clock gating, low-power Flash with power-off capability):
Reduced overall Run and Wait mode current consumption by turning off clocks of
unused peripherals or Flash
●
Sub 1 µA hardware RTC and AWU system unit:
Ultralow power modes for applications requesting regular wake up
●
Range of Low power modes (up to 4):
Suitable for many applications from complete switch off to continuous monitoring at
ultralow frequency
●
Advanced and flexible clock system (multiple internal and external clock sources):
Switch and adjust frequency and clock sources on the fly depending on application
needs
●
Direct memory access on board (4-channel DMA):
Autonomy for peripherals, independent from core; can switch off Flash memory and
CPU (large current consumption contributors) while keeping peripherals active
●
Ultralow power and ultrasafe reset system POR/PDR; additional optional activation
BOR:
Integrated safety and security for application
●
Ultrafast wakeup from lowest Low power mode (4 µs):
Fast switching from Static and Dynamic power modes
●
Analog functional down to 1.8 V, programming down to 1.65 V:
Full functionality over the complete VDD range
For more information see the STM8L152C6T6 datasheet (Doc ID 15962) on the ST website.
The STM8L152C6T6 8-bit microcontroller offers:
2 Kbytes RAM
32 Kbytes of Flash memory
LQFP48 7 x 7 mm
1 Kbytes EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com