Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4190 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4190
Description  Antenna selection guidelines
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4190 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4190 Datasheet HTML 5Page - STMicroelectronics AN4190 Datasheet HTML 6Page - STMicroelectronics AN4190 Datasheet HTML 7Page - STMicroelectronics AN4190 Datasheet HTML 8Page - STMicroelectronics AN4190 Datasheet HTML 9Page - STMicroelectronics AN4190 Datasheet HTML 10Page - STMicroelectronics AN4190 Datasheet HTML 11Page - STMicroelectronics AN4190 Datasheet HTML 12Page - STMicroelectronics AN4190 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AN4190
Antenna theory
Doc ID 023812 Rev 1
9/29
greater the energy transmitted or received. According to the IEEE standard, gain doesn't
include losses arising from impedance mismatches (reflection losses) and polarization
mismatch (losses). This means, therefore, that the gain takes into account only the loss of
the dielectric and conduction system of the same antenna. The reflection losses and the
polarization mismatch are very important losses and they need to be included in the link
calculation of a communication system to determine the received or radiated power.
1.5
Antenna efficiency
If an antenna is taken as a device which accepts power from a source and radiates it into
space, the ratio of the power radiated into space to the power accepted from the source is
the efficiency (
ηradiation), sometimes termed the radiation efficiency. It is defined in the IEEE
reference as the ratio of the total power radiated by an antenna to the net power accepted by
the antenna from the connected transmitter. The power that is accepted by the antenna but
not radiated is dissipated in the form of heat.
The total antenna efficiency
ηo is used to take into account losses at the input terminals and
within the structure of the antenna. In general, the overall efficiency can be written as:
Equation 1
where:
ηo = total efficiency (dimensionless)
ηr = reflection (mismatch) efficiency = (1 - |Γ|2) (dimensionless)
ηc = conduction efficiency (dimensionless)
ηd = dielectric efficiency (dimensionless)
Γ = voltage reflection coefficient at the input terminal of the antenna [Γ = (Zin - Zo)/(Zin + Zo)
where Zin = antenna input impedance, Zo = characteristic impedance of the transmission
line].
Usually
ηc and ηd are very difficult to compute.
The radiation efficiency is rarely, if ever, published in any antenna manufacturer's literature.
There are several reasons for this: first, radiation efficiency is exceedingly difficult to
measure accurately. Second, the radiation efficiency of an antenna is implicitly contained in
the complete specifications of the gain of an antenna.
1.6
Antenna bandwidth
The bandwidth of an antenna is defined as the range of frequencies within which the
performance of the antenna, with respect to some characteristics, conforms to a specific
standard. The bandwidth can be considered to be the range of frequencies, on either side of
a center frequency (usually the resonance frequency for a dipole), where the antenna
characteristics are within an acceptable value of those at the center frequency.
Because the characteristics of an antenna do not necessarily vary in the same manner or
are even critically affected by the frequency, there is no unique characterization of the
bandwidth. The specifications are set in each case to meet the needs of the particular
η
O
η
r
η
c
η
d
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com