Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4190 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4190
Description  Antenna selection guidelines
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4190 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4190 Datasheet HTML 1Page - STMicroelectronics AN4190 Datasheet HTML 2Page - STMicroelectronics AN4190 Datasheet HTML 3Page - STMicroelectronics AN4190 Datasheet HTML 4Page - STMicroelectronics AN4190 Datasheet HTML 5Page - STMicroelectronics AN4190 Datasheet HTML 6Page - STMicroelectronics AN4190 Datasheet HTML 7Page - STMicroelectronics AN4190 Datasheet HTML 8Page - STMicroelectronics AN4190 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Antenna theory
AN4190
4/29
Doc ID 023812 Rev 1
1
Antenna theory
Antenna performance parameters and the language used to describe antennas can be
confusing and sometimes even misleading. While much can be said in general about what
constitutes a good antenna, most designs reflect some sort of compromise or trade-off
between the various desirable attributes because antenna design involves conflicting goals.
Therefore, it is crucial that antenna specifications are reviewed in light of the intended
application. A more complete and accurate understanding of the terminology associated
with antennas allows the most appropriate antenna for a given task to be specified. A great
deal of effort has been made over the years to standardize antenna terminology. The “de
facto” standard is the IEEE Standard Definitions of Terms for Antenna, so in this document
the main antenna parameters as defined in this standard are given.
The purpose of this document is to give a brief and easy description of antenna parameters.
For a complete and rigorous description of antenna behavior, the reader is requested to
refer to the book “Antenna theory: analysis and design” [1].
1.1
Antenna and radiation pattern
An antenna radiation pattern is defined in the IEEE standard as “the spatial distribution of a
quantity which characterizes the electromagnetic field generated by an antenna”. In other
words, an antenna radiation pattern or antenna pattern is defined as a mathematical
function or a graphical representation of the radiation properties of the antenna as a function
of space coordinates, as shown in Figure 1. Radiation properties include power flux density,
radiation intensity, field strength, and directivity phase or polarization.
Figure 1.
Coordinate system for antenna analysis
In most cases, the radiation pattern is determined in the far field region and is represented
as a function of the directional coordinates. That is, in spherical coordinates the distribution
of the quantity over
Θand Φfor fixed radius (see Figure 1).
The interpretation of an antenna's radiation pattern can become problematic because of the
three-dimensional nature of the information. The complexity of a three-dimensional plot of a
AM14796v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com