Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4190 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4190
Description  Antenna selection guidelines
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4190 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4190 Datasheet HTML 1Page - STMicroelectronics AN4190 Datasheet HTML 2Page - STMicroelectronics AN4190 Datasheet HTML 3Page - STMicroelectronics AN4190 Datasheet HTML 4Page - STMicroelectronics AN4190 Datasheet HTML 5Page - STMicroelectronics AN4190 Datasheet HTML 6Page - STMicroelectronics AN4190 Datasheet HTML 7Page - STMicroelectronics AN4190 Datasheet HTML 8Page - STMicroelectronics AN4190 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AN4190
Antenna theory
Doc ID 023812 Rev 1
5/29
radiation pattern can sometimes obfuscate details. In practice, a three-dimensional plot of a
radiation pattern is of limited value in presenting quantitative information. Therefore, two-
dimensional “cuts” of the radiation pattern are often presented. In particular, cuts in the so-
called E and H planes are often presented.
1.1.1
Isotropic, directional and omnidirectional patterns
An isotropic radiator is defined as a “hypothetical” lossless antenna having equal radiation in
all directions. Although it is ideal and not physically realizable, it is taken as a reference for
expressing the directive properties of actual antennas.
A directional antenna is one having the property of radiating or receiving electromagnetic
waves more effectively in some directions than in others.
An omnidirectional antenna is defined as one having an essentially non-directional pattern
in a given plane and a directional pattern in any orthogonal plane. An omnidirectional
pattern is a special type of directional pattern. An example of an antenna with an
omnidirectional radiation pattern in the x - y plane is shown in Figure 2.
Figure 2.
x - y plane omnidirectional antenna pattern
1.1.2
Principal patterns
For a linearly polarized antenna, performance is often described in terms of its principal E
and H plane patterns.
The E plane is defined as the plane containing the electric field vector and the direction of
maximum radiation.
The H plane is the plane containing the magnetic field vector and the direction of a
maximum radiation.
The principal E and H planes are orthogonal planes. It is often sufficient to examine only E
and H plane cuts of the three-dimensional radiation pattern. An example of E and H plane
radiation patterns is shown in Figure 3.
AM14797v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com