Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4190 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4190
Description  Antenna selection guidelines
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4190 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4190 Datasheet HTML 15Page - STMicroelectronics AN4190 Datasheet HTML 16Page - STMicroelectronics AN4190 Datasheet HTML 17Page - STMicroelectronics AN4190 Datasheet HTML 18Page - STMicroelectronics AN4190 Datasheet HTML 19Page - STMicroelectronics AN4190 Datasheet HTML 20Page - STMicroelectronics AN4190 Datasheet HTML 21Page - STMicroelectronics AN4190 Datasheet HTML 22Page - STMicroelectronics AN4190 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AN4190
Antennas for low power applications
Doc ID 023812 Rev 1
19/29
Figure 13.
Spiral antenna
Figure 14.
Spiral antenna 3D radiation pattern
The total length of the spiral (or the outer radius) determines the lowest frequency of
operation for the spiral antenna. The lowest operating frequency of the spiral antenna is
commonly approximated to occur when the wavelength is equal to the circumference of the
spiral.
The ‘a’ parameter, called flare rate, is the rate at which the spiral grows with angle. If it is too
small, the spiral is tightly wrapped around itself: in this case it behaves more like a capacitor
giving poor radiation.
The feed structure determines the high end of the operating band. How tightly the spiral can
be wrapped in on itself determines how small the wavelength can be that fits on the spiral
and still maintains spiral antenna operation. The highest frequency in the spiral antenna's
operating band occurs when the innermost radius of the spiral is equal to lambda/4.
The total length of the spiral (or the outer radius) determines the lowest frequency of
operation for the spiral antenna. The lowest operating frequency of the spiral antenna is
commonly approximated to occur when the wavelength is equal to the circumference of the
spiral.
AM16437v1
AM16438v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com