Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4653 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4653
Description  Cycling endurance and data retention of high density EEPROM based on CMOS F8H process
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4653 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4653 Datasheet HTML 3Page - STMicroelectronics AN4653 Datasheet HTML 4Page - STMicroelectronics AN4653 Datasheet HTML 5Page - STMicroelectronics AN4653 Datasheet HTML 6Page - STMicroelectronics AN4653 Datasheet HTML 7Page - STMicroelectronics AN4653 Datasheet HTML 8Page - STMicroelectronics AN4653 Datasheet HTML 9Page - STMicroelectronics AN4653 Datasheet HTML 10Page - STMicroelectronics AN4653 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID027438 Rev 1
7/13
AN4653
Cycling endurance
12
1.3
Cycling strategy
1.3.1
Cycling strategy and application temperature profile
In order to ensure the safest EEPROM cycling conditions, it is recommended to evaluate the
number of write cycles and the relative temperature profile of the cycling performed by the
EEPROM during the life of the application, that is:
Number of cycles at temp i
()
Max Number of cycles specified at temp i
()
------------------------------------------------------------------------------------
1
≤
i1
=
n
∑
•
define the main temperature ranges at which the EEPROM is operating in the end
application,
•
for each temperature range, estimate the number of write cycles executed for each
data block,
•
for each data block (with different cycling profiles), calculate the cumulated cycling
effect using the following equation or Table 3.
If the total percentage of cumulated cycles (last row in Table 3) is lower than 100%, the data
stored in the EEPROM are safely cycled.
If the total percentage of cumulated cycles is above 100%, the intrinsic safe margin for
cycling is exceeded and a data relocation strategy must be defined. This can be done by
distributing the number of cycles over several memory locations as follows:
•
define a cycling limit for each data block according to the application needs and product
performance (as shown in Table 3);
•
count the numbers of cycles executed on each data block (counter value can be stored
in the EEPROM);
•
when the counter exceeds the defined limit, the cycled data block must be relocated to
another physically independent memory address. The software developer should
define this new data block to be duplicated in a location inside a different page and,
when possible, not with the same byte address inside the new page. The counter itself
must also be stored in a new location.
Table 3. Application cycling profile evaluation(1)
1. The table can be adapted according to the temperature profile by taking care of putting down the maximum
cycling for each temperature.
Temperature
Number of Cycles(2)
2. w and y are forecast number of cycles for a specific data block.
% of the max cycling value specified in Table 2
25°C
w
(w/4M) x 100 = a %
85°C
y
(y/1.2M) x 100 = b%
Total
w + y
(a + b) %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com