Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4653 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4653
Description  Cycling endurance and data retention of high density EEPROM based on CMOS F8H process
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4653 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4653 Datasheet HTML 5Page - STMicroelectronics AN4653 Datasheet HTML 6Page - STMicroelectronics AN4653 Datasheet HTML 7Page - STMicroelectronics AN4653 Datasheet HTML 8Page - STMicroelectronics AN4653 Datasheet HTML 9Page - STMicroelectronics AN4653 Datasheet HTML 10Page - STMicroelectronics AN4653 Datasheet HTML 11Page - STMicroelectronics AN4653 Datasheet HTML 12Page - STMicroelectronics AN4653 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DocID027438 Rev 1
9/13
AN4653
Data retention
12
2
Data retention
This section intends to offer all details concerning the data retention capabilities of the high
density EEPROM based on CMOS F8H process, industrial range 6 (temperature range
-40°C to +85°C).
Data retention definition:
–At t0, bytes are written after what no Write is executed on these bytes. The data
retention time is the time after t0 during which the bytes can still be correctly read
(the EEPROM devices being DC supplied or not).
2.1
Data retention values specified in high density devices
datasheets
2.2
CMOS F8H process data retention performances
2.2.1
Data retention and temperature dependence
The CMOS F8H process EEPROM data retention is temperature dependent and is
independent of the value of Vcc: the higher is the temperature, the lower is the data
retention time.
The data retention safe values are:
•
more than 200 years (at 55°C or less);
•
more than 50 years (at 85°C).
Table 4. Data retention for CMOS F8H process high density devices
Product
Data retention
M24256-BF, M24256-BR, M24256-BW, M24256-DF, M24256-DR
M95256-DF, M95256-R, M95256-W
M24512-DF, M24512-R, M24512-W
M95512-DF, M95512-R, M95512-W
M24M01-DF, M24M01-R
M95M01-DF, M95M01-R
M24M02-DR
M95M02-DR
more than 200 years at 55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com