Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4653 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4653
Description  Cycling endurance and data retention of high density EEPROM based on CMOS F8H process
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4653 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4653 Datasheet HTML 1Page - STMicroelectronics AN4653 Datasheet HTML 2Page - STMicroelectronics AN4653 Datasheet HTML 3Page - STMicroelectronics AN4653 Datasheet HTML 4Page - STMicroelectronics AN4653 Datasheet HTML 5Page - STMicroelectronics AN4653 Datasheet HTML 6Page - STMicroelectronics AN4653 Datasheet HTML 7Page - STMicroelectronics AN4653 Datasheet HTML 8Page - STMicroelectronics AN4653 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID027438 Rev 1
5/13
AN4653
Cycling endurance
12
1
Cycling endurance
This section intends to offer all details concerning the cycling capabilities of the high density
EEPROMs based on CMOS F8H process, industrial range 6 (temperature range -40°C to
+85°C).
1.1
Cycling values specified in high density EEPROM datasheets
1.2
CMOS F8H process high density EEPROM cycling
performances
1.2.1
Cycling and temperature dependence
Glossary:
–
Cycle = Internal write cycle executed inside the EEPROM.
–
Cycling = cumulated number of write cycles
As specified in the related datasheets, the cycling endurance depends on the operating
temperature (and is independent of the value of the supply voltage): the higher the
temperature, the lower the cycling performance
.
This safe cycling operating area can be represented by the following equation and/or by
Figure 1.
Number of cycles
4 Million∗e
k∗ t
° 25
–
()
–
()
=
Where:
–
k = 0.018971
–to is defined in Celsius degree and is greater than 25°C
Table 2. CMOS F8H process devices (-40°C to +85°C)
Product
Number of cycles for each cell
M24256-BF, M24256-BR, M24256-BW, M24256-DF, M24256-DR
M95256-DF, M95256-R, M95256-W
M24512-DF, M24512-R, M24512-W
M95512-DF, M95512-R, M95512-W
M24M01-DF, M24M01-R
M95M01-DF, M95M01-R
M24M02-DR
M95M02-DR
4 million cycles (at 25°C)
1.2 million cycles (at 85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com