Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5001MA/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5001MA/NOPB
Description  High-Voltage Switch-Mode Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5001MA/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM5001MA/NOPB Datasheet HTML 1Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 2Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 3Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 4Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 5Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 6Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 7Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 8Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LM5001, LM5001-Q1
www.ti.com
SNVS484H – JANUARY 2007 – REVISED JULY 2015
Electrical Characteristics (continued)
Minimum and Maximum limits are ensured through test, design, or statistical correlation, over the junction temperature (TJ)
range of –40°C to +125°C. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only. VVIN = 10 V, RRT = 48.7 kΩ unless otherwise stated
(1).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EN Thresholds
EN Shutdown Threshold
VEN increasing
0.25
0.45
0.65
EN Shutdown Hysteresis
0.1
V
EN Standby Threshold
VEN increasing
1.2
1.26
1.32
EN Standby Hysteresis
0.1
EN Current Source
6
µA
MOSFET Characteristics
MOSFET RDS(ON) plus
LM5001
490
800
ID = 0.5 A
m
Ω
Current Sense Resistance
LM5001-Q1
490
880
MOSFET Leakage Current
VSW = 75 V
0.05
5
µA
MOSFET Gate Charge
VVCC = 6.9 V
4.5
nC
Current Limit
ILIM
Cycle by Cycle Current Limit
0.8
1.0
1.2
A
Cycle by Cycle Current Limit Delay
100
200
ns
Oscillator
FSW1
Frequency1
RRT = 48.7 kΩ
225
260
295
KHz
FSW2
Frequency2
RRT = 15.8 kΩ
660
780
900
VRT-SYNC
SYNC Threshold
2.2
2.6
3.2
V
SYNC Pulse Width Minimum
VRT > VRT-SYNC + 0.5 V
15
ns
PWM Comparator
Maximum Duty Cycle
80%
85%
90%
Min On-time
VCOMP > VCOMP-OS
35
ns
Min On-time
VCOMP < VCOMP-OS
0
VCOMP-OS
COMP to PWM Comparator Offset
0.9
1.30
1.55
V
Error Amplifier
VFB-REF
Internal reference
Feedback Reference Voltage
1.241
1.260
1.279
V
VFB = VCOMP
FB Bias Current
10
nA
DC Gain
72
dB
COMP Sink Current
VCOMP = 250 mV
2.5
mA
COMP Short Circuit Current
VFB = 0, VCOMP = 0
0.9
1.2
1.5
COMP Open Circuit Voltage
VFB = 0
4.8
5.5
6.2
V
COMP to SW Delay
50
ns
Unity Gain Bandwidth
3
MHz
Thermal Shutdown
TSD
Thermal Shutdown Threshold
165
°C
Thermal Shutdown Hysteresis
20
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5001 LM5001-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com